Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7457 Datasheet(PDF) 9 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 5Page - International Rectifier IRF7457 Datasheet HTML 6Page - International Rectifier IRF7457 Datasheet HTML 7Page - International Rectifier IRF7457 Datasheet HTML 8Page - International Rectifier IRF7457 Datasheet HTML 9Page - International Rectifier IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
IRU3037 / IRU3037A
9
Rev. 2.8
03/10/03
www.irf.com
For a general solution for unconditionally stability for any
type of output capacitors, in a wide range of ESR values
we should implement local feedback with a compensa-
tion network. The typically used compensation network
for voltage-mode controller is shown in Figure 7.
Figure 7 - Compensation network with local
feedback and its asymptotic gain plot.
In such configuration, the transfer function is given by:
The error amplifier gain is independent of the transcon-
ductance under the following condition:
By replacing ZIN and Zf according to Figure 7, the trans-
former function can be expressed as:
As known, transconductance amplifier has high imped-
ance (current source) output, therefore, consider should
be taken when loading the E/A output. It may exceed its
source/sink output current capability, so that the ampli-
fier will not be able to swing its output voltage over the
necessary range.
The compensation network has three poles and two ze-
ros and they are expressed as follows:
Cross Over Frequency:
The stability requirement will be satisfied by placing the
poles and zeros of the compensation network according
to following design rules. The consideration has been
taken to satisfy condition (14) regarding transconduc-
tance error amplifier.
1)
Select the crossover frequency:
Fo < FESR and Fo
[ (1/10 ~ 1/6)3 fS
2)
Select R7, so that R7 >>
3)
Place first zero before LC’s resonant frequency pole.
FZ1
≅ 75% FLC
4)
Place third pole at the half of the switching frequency.
C12 > 50pF
If not, change R7 selection.
5)
Place R7 in (15) and calculate C10:
2
gm
1 -
gmZf
1 +
gmZIN
Ve
VOUT
=
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Lo = Output Inductor
Co = Total Output Capacitors
C11 =
1
2
p 3 FZ1 3 R7
C12 =
1
2
p 3 R7 3 FP3
FP3 =
fS
2
C10
[
3
2
p 3 Lo 3 Fo 3 Co
R7
VOSC
VIN
FP1 = 0
1
2
p3C103(R6 + R8)
FZ2 =
1
2
p3C103R6
FZ1 =
1
2
p3R73C11
FP3 =
1
C12
3C11
C12+C11
2
p3R73
1
2
p3R73C12
FP2 =
1
2
p3R83C10
(
)
VOUT
VREF
R5
R6
R8
C10
C12
C11
R7
Ve
FZ1
FZ2
FP2
FP3
E/A
Zf
ZIN
Frequency
Gain(dB)
H(s) dB
Fb
Comp
gmZf >> 1
and
gmZIN >>1
---(14)
H(s)=
3
(1+sR7C11)
3[1+sC10(R6+R8)]
1
sR6(C12+C11)
1+sR7
3(1+sR8C10)
[
(
)]
C12
3C11
C12+C11
FO = R7
3C103
3
---(15)
VIN
VOSC
1
2
p3Lo3Co


Similar Part No. - IRF7457

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7457PBF IRF-IRF7457PBF Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7457PBF-1 IRF-IRF7457PBF-1 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7457PBF-1 IRF-IRF7457PBF-1_15 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7457

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com