Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7457 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF7457
Description  8-PIN SYNCHRONOUS PWM CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7457 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF7457 Datasheet HTML 7Page - International Rectifier IRF7457 Datasheet HTML 8Page - International Rectifier IRF7457 Datasheet HTML 9Page - International Rectifier IRF7457 Datasheet HTML 10Page - International Rectifier IRF7457 Datasheet HTML 11Page - International Rectifier IRF7457 Datasheet HTML 12Page - International Rectifier IRF7457 Datasheet HTML 13Page - International Rectifier IRF7457 Datasheet HTML 14Page - International Rectifier IRF7457 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
IRU3037 / IRU3037A
11
Rev. 2.8
03/10/03
www.irf.com
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 9 - Vcc vs. Icc
IRU3037A
Vcc vs. Icc
@470PF, 1150PF and 1540PF Gate Load
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Vcc (V)
TA = 25
8C
CLOAD =1540pF
CLOAD =1150pF
CLOAD =470pF
Figure 10 - Vc vs. Ic
IRU3037A
Vc vs. Ic
@470PF, 1150PF and 1540PF Gate Load
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Vc (V)
TA = 25
8C
CLOAD =1540pF
CLOAD =1150pF
CLOAD =470pF


Similar Part No. - IRF7457

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7457PBF IRF-IRF7457PBF Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7457PBF-1 IRF-IRF7457PBF-1 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7457PBF-1 IRF-IRF7457PBF-1_15 Datasheet
201Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Similar Description - IRF7457

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
   8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
   8-PIN Synchronous Buck PWM Controller
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
   20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
logo
Anpec Electronics Corop...
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
   5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
   8 PIN PWM SWITCHER CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com