Electronic Components Datasheet Search |
|
HO15-NP-SP111D Datasheet(PDF) 2 Page - LEM |
|
HO15-NP-SP111D Datasheet(HTML) 2 Page - LEM |
2 / 16 page Page 2/16 18February2014/Version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice www.lem.com HO-NP-0000 SERIES Absolute maximum ratings Parameter Symbol Unit Value Supply voltage (not operating) U C V 6.5 Primary conductor temperature T B °C 120 ESD rating, Human Body Model (HBM) U ESD kV 2 Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may degrade reliability. UL 508: Ratings and assumptions of certification File # E189713 Volume: 2 Section: 5 Standards ● CSA C22.2 NO. 14-10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01 ● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2010/04/15 Ratings Parameter Symbol Unit Value Primary involved potential V AC/DC 600 Max surrounding air temperature T A °C 105 Primary current I P A According to series primary currents Secondary supply voltage U C V DC 5 Output voltage V out V 0 to 5 Conditions of acceptability When installed in the end-use equipment, consideration shall be given to the following: 1 - These devices have been evaluated for overvoltage category III and for use in pollution degree 2 environment. 2 - A suitable enclosure shall be provided in the end-use application. 3 - The terminals have not been evaluated for field wiring. 4 - These devices have been evaluated for use in 105°C maximum surrounding air temperature. 5 - The secondary (Sensing) circuit is intended to be supplied by a Isolated Secondary Circuit - Limited voltage circuit defined by UL 508 paragraph 32.5. The maximum open circuit voltage potential available to the circuit and overcurrent protection shall be evaluated in the end use application. 6 - These devices are intended to be mounted on a printed wiring board of end-use equipment. The suitability of the connections (including spacings) shall be determined in the end-use application. 7 - Primary terminals shall not be straightened since assembly of housing case depends upon bending of the terminals. 8 - Any surface of polymeric housing have not been evaluated as insulating barrier. 9 - Low voltage circuits are intended to be powered by a circuit derived from an isolating source (such as a transformer, optical isolator, limiting impedance or electro-mechanical relay) and having no direct connection back to the primary circuit (other than through the grounding means). Marking Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL's Follow-Up Service. Always look for the Mark on the product. |
Similar Part No. - HO15-NP-SP111D |
|
Similar Description - HO15-NP-SP111D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |