Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAW20-P Datasheet(PDF) 1 Page - LEM

Part # HAW20-P
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAW20-P Datasheet(HTML) 1 Page - LEM

  HAW20-P Datasheet HTML 1Page - LEM HAW20-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current
Primary Conductor
Type
r.m.s. current
measuring range
Diameter
I
PN (A)
I
P (A)
(mm)
3
± 7.5
0.8
HAW 03-P
5
± 13
0.9
HAW 05-P
10
± 25
1.1
HAW 10-P
15
± 38
1.4
HAW 15-P
20
± 50
1.6
HAW 20-P
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
<± 18
mA
V
d
R.m.s. voltage for AC isolation test, 50/60Hz, 1 mn 2.0
kV
R
IS
Isolation resistance @ 500 VDC
> 500
M
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ , TA = 25°C
±4
V
R
OUT
Output internal resistance
100
R
L
Load resistance
>10
k
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
< ± 1
% of I
PN
εε
L
Linearity (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
< ± 40
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 20
mV
V
OT
Thermal drift of V
OE
max.
± 1.5
mV/K
TC
εε
G
Thermal drift of the gain (% of reading)
± 0.1
%/K
t
r
Response time @ 90% of I
P
< 3
µs
f
Frequency bandwidth (- 3 dB)1)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 10 .. + 75
°C
T
S
Ambient storage temperature
- 15 .. + 85
°C
m
Mass
12
g
Current Transducer HAW 03 .. 20-P
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
=
3 .. 20 A
Features
Hall effect measuring principle
Galvanic isolation between primary
and secondary circuit
Isolation voltage 2000 V
Low power consumption
Extended measuring range(2.5x I
PN)
Advantages
Easy mounting
Small size and space saving
Only one design for wide current
ratings range
High immunity to external
interference.
Applications
DC motor drives
Switched Mode Power Supplies
(SMPS)
AC variable speed drives
Uninterruptible Power Supplies
(UPS)
Battery supplied applications
Inverters
Notes :
EN 50178 approval pending
LEM Components
www.lem.com
010118/2
Preliminary
1) Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - HAW20-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAW07-P LEM-HAW07-P Datasheet
121Kb / 2P
   Current Transducer
More results

Similar Description - HAW20-P

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com