Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1064152005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1064152005
Description  RoHS Certificate of Compliance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1064152005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1064152005 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Certificate of Compliance
06/21/2016
Molex is committed to managing the use of chemical substances in accordance with
governmental regulations, industry standards, and customer-specific requirements in order to
protect the environment. For each part listed, this document provides:
• EU RoHS Compliance Status. EU RoHS status is declared per Directive 2011/65/EU
and its subsequent amendments. Homogeneous materials of parts that are compliant to this
legislation have less than 0.1% by weight each of lead, mercury, hexavalent chromium, PBB,
and PBDE, and 0.01% by weight of cadmium. In situations where an exemption applies, the
preceding limits, corresponding to the exempted substance(s), may be higher.
Molex’s sole liability for incorrectly certifying a product shall be either replacement of the Molex
product or, alternatively and in the sole discretion of Molex, return of the purchase price paid for
the relevant Molex product.
For additional information regarding Molex's environmental initiatives and further explanation of
this information, please visit www.molex.com
Haim Eliyahu
Manager, Global Product Compliance
Table A
Molex Part Number
Part Description
RoHS Compliance Status
1064152005
iPASS+™ High Density AOC Assembly
(iPass+-to-iPass+), Multimode, 50/125µm,
Cable Diameter 3.00mm, Cable Length
5.00m
Not Reviewed


Similar Part No. - 1064152005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1064152007 MOLEX11-1064152007 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
More results

Similar Description - 1064152005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53623-1074 MOLEX11-53623-1074 Datasheet
144Kb / 1P
   RoHS Certificate of Compliance
1301790387 MOLEX11-1301790387 Datasheet
144Kb / 1P
   RoHS Certificate of Compliance
1064152015 MOLEX11-1064152015 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
1064152025 MOLEX11-1064152025 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
1064152020 MOLEX11-1064152020 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
1064152100 MOLEX11-1064152100 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
1064152007 MOLEX11-1064152007 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
87203-6366 MOLEX11-87203-6366 Datasheet
144Kb / 1P
   RoHS Certificate of Compliance
1064152010 MOLEX11-1064152010 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
1064152050 MOLEX11-1064152050 Datasheet
37Kb / 1P
   RoHS Certificate of Compliance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com