Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1087C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # L1087C
Description  0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1087C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  L1087C Datasheet HTML 1Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 2Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 3Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 4Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 5Page - List of Unclassifed Manufacturers L1087C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
L1087 Series
SOT-89,TO-92
AUG-30-2001
0.8A Fixed and Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
TO-92 MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
4.445
5.207
H
2.413
2.540
2.667
B
4.318
5.334
I
0.356
0.533
C
12.7
15.5
J
D
0.356
0.533
K
E
1.143
1.27
1.397
L
F
3.175
4.191
M
G
0.762
1.270
N


Similar Part No. - L1087C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
   LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
National Semiconductor ...
L1087DTX-2.85 NSC-L1087DTX-2.85 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
L1087DTX-3.3 NSC-L1087DTX-3.3 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
L1087DTX-5.0 NSC-L1087DTX-5.0 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
More results

Similar Description - L1087C

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-S AMS-AMS1117-S Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
National Semiconductor ...
L1087 NSC-L1087 Datasheet
117Kb / 10P
   800mA fixed and adjustable low dropout linear regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
   3A Adjustable Low Dropout Linear Regulator (LDO)
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
   3A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com