Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM31KC104R1H3 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # NFM31KC104R1H3
Description  This product specification is applied to Chip EMIFIL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM31KC104R1H3 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  NFM31KC104R1H3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM31KC104R1H3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NFM31KC104R1H3_ (1206, 0.1uF, DC50V)
_: packaging code
Reference Sheet
1.Scope
  
2.MURATA Part NO. System
(Ex.)
3. Type & Dimensions
a)Equivalent Circuit
(Unit:mm)
4.Rated value
5.Package
Product specifications in this catalog are as of Feb.9,2016,and are subject to change or obsolescence without notice.
Please consult the approval sheet before ordering.
Please read rating and !Cautions first.
Chip EMIFIL®Chip 3-terminal Capacitor for Very Large Current for General
Specifications and Test Methods
(Operating /Storage Temp. Range)
-55 to 125 °C / -55 to 125 °C
±20 %
6A(DC)
3.0mΩmax.
0.1 uF
mark
Packaging Unit
(7) Packaging
i
1.2±0.3
j
0.3±0.2
This product specification is applied to Chip EMIFIL®Chip 3-terminal Capacitor for Very Large Current used for Automotive Electronic equipment.
(3) Nominal
Capacitance
Capacitance
Tolerance
(5)
DC Rated
Voltage
Rated
Current
(mA)
DC
Resistance
1000MΩmin.
DC 50 V
Insulation
Resistance
(1)-1 L
(1)-2 W
T
e
g
L
f180mm Reel
EMBOSSED W8P4
3000 pcs./Reel
3.2±0.2
1.6±0.2
1.3±0.2
0.4±0.3
0.3 min.
(1)L/W
Dimensions
(2)Features
(3)Nominal
Capacitance
(4)
Characteristics
(5)DC Rated
Voltage
(6)Electrode
(7)Packaging
Code
NFM
31
KC
104
R
1H
3
L
NFM31KC104R1H3-01
1


Similar Part No. - NFM31KC104R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM31KC104R2A3 MURATA-NFM31KC104R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM31KC104R1H3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com