Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFM31KC153R2A3 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # NFM31KC153R2A3
Description  This product specification is applied to Chip EMIFIL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM31KC153R2A3 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  NFM31KC153R2A3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NFM31KC153R2A3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1. Appearance and Dimensions (8mm-wide plastic tape)
(in mm)
2. Specification of Taping
(1) Packing quantity (standard quantity)
3000 pcs. / reel
(2) Packing Method
Products shall be packaged in the cavity of plastic tape and sealed cover tape.
(3) Sprocket Hole
The sprocket holes are to the right as the tape is pulled toward the user.
(4)Cover tape
Cover tape has no spliced point.
(5) Missing components number
3. Pull Strength of Plastic Tape and Cover Tape
4. Peeling off force of cover tape
0.2N to 0.7N (minimum value is typical)
Speed of Peeling off : 300 mm / min
5. Dimensions of Leader-tape, Trailer and Reel
There shall be leader-tape (cover tape only and empty tape) and trailer-tape (empty tape) as follows.
(in mm)
P A C K A G I N G
NFM31 Type
Missing components number within 0.1% of the number per reel or 1 pc., whichever is greater,and are not continuous.
The specified quantity per reel is kept.
Empty tape
190 min.
Leader
Trailer
Top tape
2.0±0.5
f13.0±0.2
f21.0±0.8
f180±
f60±
13±1.4
1
0
0
3
Direction of feed
210 min.
160 min.
1
0
Label
Dimension of the Cavity is
measured at the bottom
Plastic Tape
5N min.
Cover Tape
10N min.
JEMCPP-02233A
5


Similar Part No. - NFM31KC153R2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM31KC153R1H3 MURATA-NFM31KC153R1H3 Datasheet
538Kb / 10P
   This product specification is applied to Chip EMIFIL
More results

Similar Description - NFM31KC153R2A3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFM15CC223C1A3 MURATA-NFM15CC223C1A3 Datasheet
464Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1A3 MURATA-NFM15PC473C1A3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC915R0E3 MURATA-NFM15PC915R0E3 Datasheet
459Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC103R2A3 MURATA-NFM31KC103R2A3 Datasheet
536Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC221R1H3 MURATA-NFM21HC221R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM31KC104R1H3 MURATA-NFM31KC104R1H3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM15PC224R1A3 MURATA-NFM15PC224R1A3 Datasheet
525Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM15PC473C1C3 MURATA-NFM15PC473C1C3 Datasheet
468Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM21HC102R1H3 MURATA-NFM21HC102R1H3 Datasheet
321Kb / 11P
   This product specification is applied to Chip EMIFIL
NFM41PC155B1H3 MURATA-NFM41PC155B1H3 Datasheet
354Kb / 10P
   This product specification is applied to Chip EMIFIL
NFM31KC223R2A3 MURATA-NFM31KC223R2A3 Datasheet
425Kb / 10P
   This product specification is applied to Chip EMIFIL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com