Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

254TB103C50A Datasheet(PDF) 2 Page - CTS Corporation

Part # 254TB103C50A
Description  Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

254TB103C50A Datasheet(HTML) 2 Page - CTS Corporation

  254TB103C50A_10 Datasheet HTML 1Page - CTS Corporation 254TB103C50A_10 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS Series 254
B
103
C
50
A
RESISTANCE
B – ±20%
C – ±30%
SWITCH
CONFIGURATION
A – W/O SWITCH
B – MOMENTARY
EFFECTIVE
ANGLE
50 – 50º
Operating Temperature
-10°C to +80°C
Soldering Heat Resistance
Electrical and Mechanical Specifications
DRIVE ARM LENGTH
DIM "L"
A – 9.3 mm
B – 12.0 mm
LENGTH FROM
MOUNTING SURFACE
Potentiometer 1 & 2
Mounting Information
Through hole or Surface Mount terminal
2 - 2
CTS Electrocomponents
www.ctscorp.com
DIMENSION: mm
6.50
4.65
5.40 CENT.
Ø
03
.1
)2(
1.50(8)
VR1
2
3
VR2
1' 2'
3'
a
b
5.40 CENT.(2)
8.00 CENT.
0.60
2.20
5
7.
0
R
.P
Y
T
55° max
0.30(4)
3.00 CENT.
Ø1.45 -0.04
+0.00
5.15 REF.
4.70 CENT.
Ø1.20 (2)
0.75 -0.00
+0.05
C 0.25
6.60
4.60
Ø
0
2.
1
)6(
5.40 CENT.
Ø
03
.1
)2
(
VR1
2
3
VR2
1' 2'
3'
2
VR1
VR2
2'
1'
3'
a
b
a
b
8.00 CENT.
2.20
R
57.
0
.PY
T
0.60
5.40 CENT.(2)
4.60
6.60
3.00 CENT.
0.20(8)
0.30(4)
Ø1.45 -0.04
+0.00
1.00(8)
4.70 CENT.
5.15 REF.
4.60
6.60
Ø1.20(2)
0.75 - 0.00
+0.05
C 0.25
CIRCUIT
RECOMMENDED PCB MOUNTING HOLE
RECOMMENDED SURFACE MOUNT PAD LAYOUTS
ROTATION CENTER
TERMINAL STYLE
T – THROUGH HOLE
S – SURFACE MOUNT
T
254
STANDARD PART (QUICK DELIVERY) - 254TA103C50A, 254TA103C50B, 254SA103C50A, 254SA103C50B
1
3
Surface Mount Style
Through Hole Style
TOLERANCE
SWITCH
RESISTANCE CODE
EXAMPLES
© 2010 CTS Corporation. All rights reserved. Information subject to change.
1
1
1.5 when L=9.3
2.5 when L=12
1.5 when L=9.3
2.5 when L=12
ROTATION CENTER
A – ±10%
01/22/10
103
104
10K
100K
260°C for 5 seconds
55° max
CODE RESISTANCE
55 – 55º


Similar Part No. - 254TB103C50A_10

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
254TB103C50A CTS-254TB103C50A Datasheet
377Kb / 2P
   Two Axis, Micro-stick Controller With Optional Momentary Switch
More results

Similar Description - 254TB103C50A_10

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
   Two Axis, Mini-joystick With Momentary Switch
252 CTS-252 Datasheet
618Kb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
253 CTS-253 Datasheet
4Mb / 2P
   Two Axis, Ministick Controller With Optional Momentary Switch
254 CTS-254 Datasheet
377Kb / 2P
   Two Axis, Micro-stick Controller With Optional Momentary Switch
logo
List of Unclassifed Man...
27800 ETC-27800 Datasheet
83Kb / 3P
   2-Axis Joystick (#27800)
1/16/2012
3103 ETC2-3103 Datasheet
221Kb / 2P
   2-Axis Analog Thumb Joystick
logo
Molex Electronics Ltd.
130128-0101 MOLEX11-130128-0101 Datasheet
31Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
1301280101 MOLEX11-1301280101 Datasheet
55Kb / 1P
   Super-Safeway Switch Replacement, Two Speed Momentary
logo
Copal Electronics
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com