Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM368-2.5 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM368-2.5
Description  LM368-2.5 Precision Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM368-2.5 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM368-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM368-2.5 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note 7)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Input Voltage
35V
Power Dissipation
600 mW
Storage Temperature Range
b
60 Cto a150 C
Operating Temperature Range
0 Cto a70 C
Soldering Information
TO-5 (H) Package (10 sec)
a
300 C
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ (Appendix D) for other methods of
soldering surface mount devices
Electrical Characteristics (Note 1)
LM368-25
Tested
Design
Units
Parameter
Conditions
Typical
Limit
Limit
(Max unless
(Note 2)
(Note 3)
noted)
VOUT Error LM368
g
002
g
02
%
Line Regulation
50V s VIN s 30V
g
00001
g
00005
%V
Load Regulation (Note 8)
0 mA s ISOURCE s 10 mA
g
00003
g
00025
%mA
Thermal Regulation
T e 20 mS (Note 4)
g
0005
g
002
%100 mW
Quiescent Current
350
550
m
A
Change of Quiescent Current vs VIN
50V s VIN s 30V
3
5
m
AV
Temperature Coefficient
of VOUT (see graph) LM368Y-25
0 C s TA s 70 C
g
11
g
20
ppm C
(Note 5)
LM368-25
0 C s TA s 70 C
g
15
g
30
ppm C
Short Circuit Current
VOUT e 0
30
70
100
mA
Noise
01 – 10 Hz
12
uVp-p
100 Hz – 10 kHz
420
nV
0Hz
VOUT Adjust Range
0 s VPIN5 s VOUT
19 – 52
22 – 50
V min
Note 1
Unless otherwise noted these specifications apply TA e 25 C 49V s VIN s 105V 0 s ILOAD s 05 mA 0s CL s 200 pF
Note 2
Tested Limits are guaranteed and 100% tested in production
Note 3
Design Limits are guaranteed (but not 100% production tested) over the indicated temperature and supply voltage ranges These limits are not used to
calculate outgoing quality levels
Note 4
Thermal Regulation is defined as the change in the output Voltage at a time T after a step change in power dissipation of 100 mW
Note 5
Temperature Coefficient of VOUT is defined as the worst case delta-VOUT measured at Specified Temperatures divided by the total span of the Specified
Temperature Range (See graphs) There is no guarantee that the Specified Temperatures are exactly at the minimum or maximum deviation
Note 6
In metal can (H) iJ-C is 75 CW and iJ-A is 150 CW
Note 7
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur DC and AC electrical specifications do not apply when operating
the device beyond its Rated Operating Conditions (see Note 1 and Conditions)
Note 8
Load regulation is measured on the output pin at a point
below the base of the package Regulation is measured at constant junction temperature
using pulse testing with a low duty cycle Changes in output voltage due to heating effects are covered under the specification for thermal regulation
2


Similar Part No. - LM368-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
National Semiconductor ...
LM368-5.0 NSC-LM368-5.0 Datasheet
142Kb / 8P
   LM368-5.0 and LM368-10 Precision Voltage References
logo
Texas Instruments
LM368-5.0 TI1-LM368-5.0 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
More results

Similar Description - LM368-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM368-5.0 NSC-LM368-5.0 Datasheet
142Kb / 8P
   LM368-5.0 and LM368-10 Precision Voltage References
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com