Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0800SA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # P0800SA
Description  SURFACE MOUNT SMB AND AXIAL LEAD DO-15
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

P0800SA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  P0800SA Datasheet HTML 1Page - MDE Semiconductor, Inc. P0800SA Datasheet HTML 2Page - MDE Semiconductor, Inc. P0800SA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR SERIES
RATINGS AND CHARACTERISTIC CURVES
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
0
0
Fig.1 Pulse Wave Form Example
t - Time-
μs
Test
Waveform
Example
t
f 10 μs
Peak Value
Half Value: IPP / 2 = td
tf
e-t
0.01
0.1
1
10
-40
0
40
80
120
tJ - Temperature - °C
Fig.2 Typical Peak Off-State Current
Vs Junction Temperature
1
10
100
0
1
2
4
5
6
3
7
Fig.3 Typical On-State Current
VT - On - State Voltage - V
PXXXXA
PXXXXB
PXXXXC
-40
0
40
80
120
0
0.05
1
1.5
2
2.5
Fig.4 Typical Holding Current Vs
tJ - Temperature - °C
-40
0
40
80
120
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Fig.5 Typical normalized
VS Vs Junction Temperature
tJ - Temperature - °C
1
10
100
1
10
100
1000
Fig.6 On-State Current Vs Surge Current Duration
Surge Current Duration - Full Cycles
Supply Frequency: 60Hz Sinusoidal
Load: Resistive
Rms On-State Current(I
T(RMS)): Maximum
Rated Value at Specified Case Temperature
PXXXXA
PXXXXB
PXXXXC
IPP
ITSM
IT
IS
IH
IRM
VT
VRM
VS
Fig.7 V - I Characteristics Curve


Similar Part No. - P0800SA

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
P0800SA HUAXINAN-P0800SA Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
logo
MDE Semiconductor, Inc.
P0800SA MDE-P0800SA Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0800SA MDE-P0800SA Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0800SAA MDE-P0800SAA Datasheet
180Kb / 2P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-41
P0800SAAL MDE-P0800SAAL Datasheet
180Kb / 2P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-41
More results

Similar Description - P0800SA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P0640SC MDE-P0640SC_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SB MDE-P0640SB_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SA MDE-P0640SA_13 Datasheet
180Kb / 2P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-41
logo
Continental Device Indi...
DO-15 CDIL-DO-15 Datasheet
254Kb / 5P
   DO-15 Axial Plastic Package
logo
Sensitron
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
logo
MDE Semiconductor, Inc.
3T064A MDE-3T064A Datasheet
1Mb / 4P
   SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
logo
National Semiconductor ...
MKT-TS15B NSC-MKT-TS15B Datasheet
41Kb / 1P
   TO-263, MOLDED, 15 LEAD, SURFACE MOUNT
logo
Sensitron
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
logo
Continental Device Indi...
DO-214AA CDIL-DO-214AA Datasheet
264Kb / 4P
   DO-214AA (SMB) SMD Plastic Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com