Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4914MH Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4914MH
Description  1W Monaural, 85mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4914MH Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4914MH Datasheet HTML 2Page - National Semiconductor (TI) LM4914MH Datasheet HTML 3Page - National Semiconductor (TI) LM4914MH Datasheet HTML 4Page - National Semiconductor (TI) LM4914MH Datasheet HTML 5Page - National Semiconductor (TI) LM4914MH Datasheet HTML 6Page - National Semiconductor (TI) LM4914MH Datasheet HTML 7Page - National Semiconductor (TI) LM4914MH Datasheet HTML 8Page - National Semiconductor (TI) LM4914MH Datasheet HTML 9Page - National Semiconductor (TI) LM4914MH Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
External Components Description
(Figure 1)
Components
Functional Description
1.
R
i
This is the input resistor for the inverting input that, along with the 62.5k
Ω internal feedback resistor R
f, sets
the first stage’s closed-loop gain. The overall SE gain is A
V (SE) = 62.5k
Ω /R
i, whereas the overall BTL gain
is A
V (BTL) = -125k
Ω /R
i. Input resistance Ri and input capacitance Ci form a high pass filter. The filter’s
cutoff frequency is filter’s cutoff frequency is f
C =1/2
πR
iCi.
2.
C
i
This is the input coupling capacitor. It blocks DC voltage at the amplifier’s inverting input. C
i and Ri create a
highpass filter. The filter’s cutoff frequency is f
C =1/2
πR
iCi. Refer to the Application Information section,
SELECTING EXTERNAL COMPONENTS, for an explanation of determining C
i’s value.
3.
C
C
This is the output coupling capacitor. Refer to the Application Information section, SELECTING EXTERNAL
COMPONENTS, for an explanation of determining C
C’s value.
4.
C
S
The supply bypass capacitor. Refer to the POWER SUPPLY BYPASSING section for information about
properly placing, and selecting the value of this capacitor.
5.
C
B
This capacitor filters the half-supply voltage present on the BYPASS pin. Refer to the Application Information
section, SELECTING EXTERNAL COMPONENTS, for information about properly placing, and selecting the
value of this capacitor.
Typical Performance Characteristics
THD+N vs Output Power
V
DD = 3V, BTL, f = 1kHz
A
V = 8dB, RL =8
THD+N vs Output Power
V
DD = 3V, BTL
A
V = 8dB, RL =8
200634C4
200634C6
THD+N vs Output Power
V
DD = 3V, Stereo
A
V = 1.9dB, RL =32
THD+N vs Output Power
V
DD = 5V, BTL, f = 1kHz
A
V = 8dB, RL =8
200634C8
200634C9
www.national.com
6


Similar Part No. - LM4914MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

Similar Description - LM4914MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4913 NSC-LM4913 Datasheet
767Kb / 15P
   2W Monaural, 90mW Stereo Headphone Audio Amplifier
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
LM4919 NSC-LM4919 Datasheet
568Kb / 15P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_10 Datasheet
364Kb / 11P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BH7884EFV ROHM-BH7884EFV_05 Datasheet
550Kb / 9P
   1W1W Stereo Speaker / Headphone Amplifier
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
   Low-Voltage Headphone Amplifier for Stereo Audio
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com