Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO15-NP-1202 Datasheet(PDF) 11 Page - LEM

Part # HO15-NP-1202
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NP-1202 Datasheet(HTML) 11 Page - LEM

Back Button HO15-NP-1202 Datasheet HTML 7Page - LEM HO15-NP-1202 Datasheet HTML 8Page - LEM HO15-NP-1202 Datasheet HTML 9Page - LEM HO15-NP-1202 Datasheet HTML 10Page - LEM HO15-NP-1202 Datasheet HTML 11Page - LEM HO15-NP-1202 Datasheet HTML 12Page - LEM HO15-NP-1202 Datasheet HTML 13Page - LEM HO15-NP-1202 Datasheet HTML 14Page - LEM HO15-NP-1202 Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Page 11/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NP-0000 SERIES
Measuring range with external reference voltage
Upper limit:
I
P = - 10 × Vref + 45 (Vref = 0.5 .. 2.65 V)
Lower limit:
I
P = - 10 × Vref + 5 (Vref = 0.5 .. 2.65 V)
Upper limit:
I
P = - 18.75 × Vref + 84.38 (Vref = 0.5 .. 2.65 V)
Lower limit:
I
P = - 18.75 × Vref + 9.38 (Vref = 0.5 .. 2.65 V)
Upper limit:
T
A = 105° C
I
P = 80 (Vref = 0.5 ..1.94 V)
I
P =31.25 × Vref + 140.63 (Vref = 1.94 .. 2.65 V)
T
A = 85° C
I
P = 90 (Vref = 0.5 ..1.62 V)
I
P =31.25 × Vref + 140.63 (Vref = 1.62 .. 2.65 V)
T
A = 60° C
I
P = 100 (Vref = 0.5 ..1.3 V)
I
P =31.25 × Vref + 140.63 (Vref = 1.3 .. 2.65 V)
T
A = 25° C
I
P = 110 (Vref = 0.5 ..0.98 V)
I
P =31.25 × Vref + 140.63 (Vref = 0.98 .. 2.65 V)
Lower limit:
I
P = - 31.25 × Vref + 15.63 (Vref = 0.5 .. 2.5 V)
Example with V
ref = 0.5 V:
● The 8 A version has a measuring range from 0 A to 40 A
● The 15 A version has a measuring range from 0 A to 75 A
● The 25 A version has a measuring range from 0 A to 80 A at T
A = 105° C
Example with V
ref = 1.5 V:
● The 8 A version has a measuring range from - 10 A to 30 A
● The 15 A version has a measuring range from - 18.7 A to + 56.3 A
● The 25 A version has a measuring range from - 31.2 A to + 90 A at T
A = 85° C
-30
-20
-10
0
10
20
30
40
50
0.5
1
1.5
2
2.5
Vref (V)
HO 8
-60
-40
-20
0
20
40
60
80
100
0.5
1
1.5
2
2.5
Vref (V)
HO 15
-90
-60
-30
0
30
60
90
120
0.5
1
1.5
2
2.5
Vref (V)
HO 25
25
60
85
105


Similar Part No. - HO15-NP-1202

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-1202 LEM-HO15-NP-1202 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NP-1202

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com