Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP1CS28DWA-W0 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP1CS28DWA-W0
Description  Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS28DWA-W0 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP1CS28DWA-W0 Datasheet HTML 1Page - Renesas Technology Corp RJP1CS28DWA-W0 Datasheet HTML 2Page - Renesas Technology Corp RJP1CS28DWA-W0 Datasheet HTML 3Page - Renesas Technology Corp RJP1CS28DWA-W0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJP1CS28DWA / RJP1CS28DWS
Preliminary
R07DS1306EJ0100 Rev.1.00
Page 2 of 3
Sep 30, 2015
Electrical Characteristics (These data are actual measurement values in an evaluation package.)
( Tc = 25°C unless otherwise noted )
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
1
A
VCE = 1250 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5.0
6.8
V
VCE = 10 V, IC = 6.7 mA
Collector to emitter saturation voltage
VCE(sat)
1.55
2.0
V
IC = 200 A, VGE = 15 V Note2
Input capacitance
Cies
20.0
nF
VCE = 25 V
VGE = 0
f = 1 MHz
Output capacitance
Coes
0.54
nF
Reverse transfer capacitance
Cres
0.43
nF
Total gate charge
Qg
1150
nC
VGE = 15 V
VCE = 600 V
IC = 200 A
Gate to emitter charge
Qge
180
nC
Gate to collector charge
Qgc
570
nC
Switching time Note3
td(on)
115
ns
VCC = 600 V
IC = 200 A
VGE = ±15 V
Rg = 10
, Tc = 150 C
Inductive load
tr
85
ns
td(off)
760
ns
tf-1
300
ns
tf-2
130
ns
Short circuit withstand time Note4
tsc
10
s
VCC
 720 V , VGE = 15 V
Tc = 150
C
Notes: 2. Pulse test.
3. Switching time test circuit and waveform are shown below.
4. Verified by design
Switching Time Test Circuit
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
td(on)
tf-2
tr
90%
90%
90%
10%
10%
10%
VGE
IC
tf-1


Similar Part No. - RJP1CS28DWA-W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS23DWA RENESAS-RJP1CS23DWA Datasheet
158Kb / 4P
   Inverter
RJP1CS23DWA-80 RENESAS-RJP1CS23DWA-80 Datasheet
158Kb / 4P
   Inverter
RJP1CS23DWA-W0 RENESAS-RJP1CS23DWA-W0 Datasheet
158Kb / 4P
   Inverter
RJP1CS23DWS-80 RENESAS-RJP1CS23DWS-80 Datasheet
158Kb / 4P
   Inverter
RJP1CS23DWS-W0 RENESAS-RJP1CS23DWS-W0 Datasheet
158Kb / 4P
   Inverter
More results

Similar Description - RJP1CS28DWA-W0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com