Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP65S03DWA-80 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP65S03DWA-80
Description  Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP65S03DWA-80 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP65S03DWA-80 Datasheet HTML 1Page - Renesas Technology Corp RJP65S03DWA-80 Datasheet HTML 2Page - Renesas Technology Corp RJP65S03DWA-80 Datasheet HTML 3Page - Renesas Technology Corp RJP65S03DWA-80 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJP65S03DWA / RJP65S03DWS
R07DS0820EJ0400 Rev.4.00
Page 2 of 3
Nov. 06, 2015
Electrical Characteristics (Datas below are measured values on a package configuration.)
(Tc = 25°C unless otherwise noted)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
ICES
1
A
VCE = 650 V, VGE = 0
Gate to emitter leak current
IGES
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5.0
6.8
V
VCE = 10 V, IC = 0.6mA
Collector to emitter saturation voltage
VCE(sat)
1.50
1.80
V
IC = 30 A, VGE = 15 V Note2
Input capacitance
Cies
2800
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Output capacitance
Coes
130
pF
Reveres transfer capacitance
Cres
90
pF
Total gate charge
Qg
140
nC
VGE = 15 V
VCE = 300 V
IC = 30 A
Gate to emitter charge
Qge
30
nC
Gate to collector charge
Qgc
75
nC
Switching time Note3
td(on)
20
ns
VCC = 300 V
IC = 30 A
VGE =±15 V
Rg = 10
, Tc = 150 C
Inductive load
tr
20
ns
td(off)
170
ns
tf
100
ns
Short circuit withstand time Note4
tsc
10
s
VCC
 360 V , VGE = 15 V
Tc = 150
C
Notes: 2. Pulse test.
3. Switching time test circuit and waveform are shown below.
4. Verified by design.
Switching Time Test Circuit
Waveform
Diode clamp
D.U.T
Rg
L
VCC
td(off)
td(on)
tf
tr
90%
90%
90%
10%
10%
10%
VGE
IC


Similar Part No. - RJP65S03DWA-80

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP65S03DWA-80W0 RENESAS-RJP65S03DWA-80W0 Datasheet
65Kb / 4P
   650V - 30A - IGBT Application: Inverter
More results

Similar Description - RJP65S03DWA-80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com