Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1311 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1311
Description  MODULE FOR STEPPER MOTORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1311 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1311 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1311 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TMCM-1311 V1.2 Hardware Manual (Rev. 1.12 / 2013-JUL-05)
11
www.trinamic.com
3.2.6.2 I/O Connector 1
1
10
Pin
Label
Direction
Description
1
GND
Power (GND)
GND
2
VCC
Power
(supply output)
Connected to V
DIGITAL of Power connector. Please note:
max. current is 500mA (protected via on-board 500mA
polyfuse)
3
AIN4
Input
Dedicated analog input,
input voltage range: 0… +10V,
resolution: 12bit (0… 4095)
4
IN5
Input
Digital input (+24V compatible)
5
IN6
Input
Digital input (+24V compatible)
6
IN7
Input
Digital input (+24V compatible)
7
OUT4
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
8
OUT5
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
9
OUT6
Output
Open-drain output (max. 100mA)
Integrated freewheeling diode
10
OUT7
Output
Open-drain output (max. 1A)
Integrated freewheeling diode
Table 3.8 I/O connector 1
3.2.7 USB Connector
An USB (device) interface is available via a mini-USB connector. This module supports USB 2.0 full-speed
(12Mbit/s) connections.
The on-board digital core logic (mainly processor and EEPROM) will be powered via USB in case no
other power supply is connected. This is useful for setting parameters and downloading TMCL programs
or for performing firmware updates. Using a USB connection to the host, the tasks outlined above can
be carried out inside a machine while the machine is powered off. Refer to chapter 3.4.1, please.
1
5
Pin
Label
Direction
Description
1
VBUS
Power
(+5V input)
+5V supply from Host
2
D-
Bi-directional
USB Data -
3
D+
Bi-directional
USB Data +
4
ID
Connected to signal and system ground
5
GND
Power (GND)
Signal and System ground
Table 3.9 USB connector


Similar Part No. - TMCM-1311

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1310-TMCL TRINAMIC-TMCM-1310-TMCL Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1311

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-1160 TRINAMIC-TMCM-1160 Datasheet
977Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-6210 TRINAMIC-TMCM-6210 Datasheet
1Mb / 44P
   Module for Stepper Motors
TMCM-1110 TRINAMIC-TMCM-1110 Datasheet
870Kb / 18P
   MODULE FOR STEPPER MOTORS
TMCM-6110 TRINAMIC-TMCM-6110 Datasheet
1Mb / 27P
   MODULE FOR STEPPER MOTORS
TMCM-1310 TRINAMIC-TMCM-1310 Datasheet
757Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1021 TRINAMIC-TMCM-1021 Datasheet
805Kb / 22P
   MODULE FOR STEPPER MOTORS
TMCM-1043 TRINAMIC-TMCM-1043 Datasheet
285Kb / 2P
   MODULE FOR STEPPER MOTORS
TMCM-1140 TRINAMIC-TMCM-1140 Datasheet
972Kb / 26P
   MODULE FOR STEPPER MOTORS
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com