Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCM-1640 Datasheet(PDF) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1640
Description  MODULES FOR BLDC MOTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1640 Datasheet(HTML) 8 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1640 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1640 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMCM-1640 Hardware Manual (V1.04 / 2011-NOV-16)
8
Copyright © 2011, TRINAMIC Motion Control GmbH & Co. KG
4.2.1
Power connector
A 2-pin Tyco electronics (formerly AMP) MTA-100 series connector (3-640456-2) is used as power connector
on-board.
Mating connector: Tycos electronics (formerly AMP) MTA-100 series (3-640440-2)
1
2
Pin
Label
Description
1
+U
Module + driver stage power supply input
2
GND
Module ground (power supply and signal ground)
Table 4.1: Connector for power supply
Please note, that there is no protection against reverse polarity and only limited protection against
voltages above the upper maximum limit. The power supply typically should be within a range of +9 to
+28.5V.
When using supply voltages near the upper limit, a regulated power supply is mandatory. Please ensure
that enough power filtering capacitors are available in the system (2200µF or more recommended) in order
to absorb mechanical energy fed back by the motor in stalling conditions and in order to prevent any
voltage surge e.g. during power-on (especially with longer power supply cables as there are only ceramic
filter capacitors on-board). In larger systems a zener diode circuitry might be required in order to limit the
maximum voltage when the motor is operated at high velocities.
The power supply should be designed in a way that it supplies the nominal motor voltage at the desired
maximum motor power. In no case shall the supply value exceed the upper voltage limit.
To ensure reliable operation of the unit, the power supply has to have a sufficient output capacitor and the
supply cables should have a low resistance, so that the chopper operation does not lead to an increased
power supply ripple directly at the unit. Power supply ripple due to the chopper operation should be kept at
a maximum of a few 100mV.
Guidelines for power supply:
a) keep power supply cables as short as possible
b) use large diameters for power supply cables
c) add 2200µF or larger filter capacitors near the motor driver unit especially if the distance to the
power supply is large (i.e. more than 2-3m)
4.2.2
Motor connector
A 3-pin Tyco electronics (formerly AMP) MTA-100 series connector (3-640456-3) is used as motor connector
on-board.
Mating connector: Tycos electronics (formerly AMP) MTA-100 series (3-640440-3)
1
3
Pin
Label
Description
1
BM1
Motor coil phase 1 / U
2
BM2
Motor coil phase 2 / V
3
BM3
Motor coil phase 3 / W
Table 4.2: Connector for brushless DC motor


Similar Part No. - TMCM-1640

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-160 TRINAMIC-TMCM-160 Datasheet
528Kb / 1P
   1-Axis BLDC Controller/Driver 5A/48V
TMCM-1613 TRINAMIC-TMCM-1613 Datasheet
1Mb / 58P
   Block commutation for BLDC motors
TMCM-163 TRINAMIC-TMCM-163 Datasheet
367Kb / 1P
   1-Axis Motor Mounted BLDC Controller/Driver 12A/38V
TMCM-163-CABLE TRINAMIC-TMCM-163-CABLE Datasheet
367Kb / 1P
   1-Axis Motor Mounted BLDC Controller/Driver 12A/38V
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
   MODULE FOR STEPPER MOTORS
More results

Similar Description - TMCM-1640

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-1613 TRINAMIC-TMCM-1613 Datasheet
1Mb / 58P
   Block commutation for BLDC motors
logo
Applied Motion Products...
BL030-H03-G AMP-BL030-H03-G Datasheet
1Mb / 8P
   BLDC Motors & Drives
logo
TRINAMIC Motion Control...
TMCM-343 TRINAMIC-TMCM-343_11 Datasheet
769Kb / 27P
   MODULES FOR STEPPER MOTORS
TMCM-351 TRINAMIC-TMCM-351_12 Datasheet
991Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-3110 TRINAMIC-TMCM-3110 Datasheet
955Kb / 32P
   MODULES FOR STEPPER MOTORS
TMCM-1141 TRINAMIC-TMCM-1141 Datasheet
1,008Kb / 28P
   MODULES FOR STEPPER MOTORS
TMCM-1161 TRINAMIC-TMCM-1161 Datasheet
679Kb / 20P
   MODULES FOR STEPPER MOTORS
TMCM-100 TRINAMIC-TMCM-100 Datasheet
250Kb / 1P
   Standard Modules for Stepper Motors
QBL4208 TRINAMIC-QBL4208_10 Datasheet
380Kb / 14P
   BLDC motor modules.
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
   PMSM FOC drives and BLDC motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com