Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLA09ZZA Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # TLA09ZZA
Description  2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

TLA09ZZA Datasheet(HTML) 5 Page - National Semiconductor (TI)

  TLA09ZZA Datasheet HTML 1Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 2Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 3Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 4Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 5Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 6Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 7Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 8Page - National Semiconductor (TI) TLA09ZZA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics V
DD =3V (Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A =
25˚C. (Continued)
Symbol
Parameter
Conditions
LM4990
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
P
o
Output Power (8
Ω)
THD+N = 1% (max); f = 1kHz
425
mW
(4
Ω)
THD+N = 1% (max); f = 1kHz
600
mW
T
WU
Wake-up time
75
ms
THD+N+N Total Harmonic Distortion+Noise
P
o = 0.25Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
62 (f =
217Hz)
68 (f = 1kHz)
55
dB (min)
Electrical Characteristics V
DD = 2.6V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4990
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 9)
I
DD
Quiescent Power Supply Current
V
IN = 0V, Io = 0A, No Load
2.0
mA
V
IN = 0V, Io = 0A, 8
Ω Load
3.0
mA
I
SD
Shutdown Current
V
SD =VSD Mode (Note 8)
0.1
µA
V
SDIH
Shutdown Voltage Input High
V
SD MODE =VDD
1.0
V
V
SDIL
Shutdown Voltage Input Low
V
SD MODE =VDD
0.9
V
V
SDIH
Shutdown Voltage Input High
V
SD MODE = GND
1.2
V
V
SDIL
Shutdown Voltage Input Low
V
SD MODE = GND
1.0
V
V
OS
Output Offset Voltage
5
50
mV (max)
R
OUT
Resistor Output to GND (Note 10)
8.5
9.7
k
Ω (max)
7.0
k
Ω (min)
P
o
Output Power ( 8
Ω )
THD+N = 1% (max); f = 1kHz
300
mW
(4
Ω )
THD+N = 1% (max); f = 1kHz
400
T
WU
Wake-up time
70
ms
THD+N+N Total Harmonic Distortion+Noise
P
o = 0.15Wrms; f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
Input terminated with 10
51 (f =
217Hz)
51 (f = 1kHz)
dB
Note 1: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM4990, see power derating
curves for additional information.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Machine Model, 220pF – 240pF discharged through all pins.
Note 6: Typicals are measured at 25˚C and represent the parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: For micro SMD only, shutdown current is measured in a Normal Room Environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA.
Note 9: Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Note 10: RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the two 20kΩ resistors.
Note 11: If the product is in Shutdown mode and VDD exceeds 6V (to a max of 8V VDD), then most of the excess current will flow through the ESD protection circuits.
If the source impedance limits the current to a max of 10mA, then the device will be protected. If the device is enabled when VDD is greater than 5.5V and less than
6.5V, no damage will occur, although operation life will be reduced. Operation above 6.5V with no current limit will result in permanent damage.
Note 12: Maximum power dissipation in the device (PDMAX) occurs at an output power level significantly below full output power. PDMAX can be calculated using
Equation 1 shown in the Application Information section. It may also be obtained from the power dissipation graphs.
www.national.com
5


Similar Part No. - TLA09ZZA

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TLA03-03K485 MORNSUN-TLA03-03K485 Datasheet
900Kb / 5P
   3W, Integrated isolated 485 ACDC power supply
TLA03-03KCAN MORNSUN-TLA03-03KCAN Datasheet
871Kb / 5P
   3W, Integrated isolated CAN ACDC power supply
TLA05-03K485 MORNSUN-TLA05-03K485 Datasheet
900Kb / 5P
   3W, Integrated isolated 485 ACDC power supply
TLA05-03KCAN MORNSUN-TLA05-03KCAN Datasheet
871Kb / 5P
   3W, Integrated isolated CAN ACDC power supply
logo
National Semiconductor ...
TLA06AMA NSC-TLA06AMA Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
More results

Similar Description - TLA09ZZA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4901MMX TI-LM4901MMX Datasheet
1Mb / 25P
[Old version datasheet]   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
Eutech Microelectronics...
EUA6027 EUTECH-EUA6027 Datasheet
458Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
EUA6027A EUTECH-EUA6027A Datasheet
767Kb / 14P
   2-W Stereo Audio Power Amplifier with Selectable Gain and Shutdown
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com