Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH3C100 Datasheet(PDF) 7 Page - Linear Technology

Part # LQH3C100
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LQH3C100 Datasheet(HTML) 7 Page - Linear Technology

  LQH3C100 Datasheet HTML 1Page - Linear Technology LQH3C100 Datasheet HTML 2Page - Linear Technology LQH3C100 Datasheet HTML 3Page - Linear Technology LQH3C100 Datasheet HTML 4Page - Linear Technology LQH3C100 Datasheet HTML 5Page - Linear Technology LQH3C100 Datasheet HTML 6Page - Linear Technology LQH3C100 Datasheet HTML 7Page - Linear Technology LQH3C100 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LT1945
1945f
PACKAGE DESCRIPTIO
APPLICATIO S I FOR ATIO
Setting the Output Voltages
Set the output voltage for Switcher 1 (negative output
voltage ) by choosing the appropriate values for feedback
resistors R1 and R2.
R
VV
V
R
OUT
1
123
123
2
210 6
=
+
()
–.
.
Set the output voltage for Switcher 2 (positive output
voltage) by choosing the appropriate values for feedback
resistors R1B and R2B (see Figure 1).
RB
R B
V
V
OUT
12
123
1
=−


.
Diode Selection
For most LT1945 applications, the Zetex ZHCS400 sur-
face mount Schottky diode (0.4A, 40V) is an ideal choice.
Schottky diodes, with their low forward voltage drop and
fast switching speed, are the best match for the LT1945.
The Motorola MBR0520, MBR0530, or MBR0540 can also
be used. Many different manufacturers make equivalent
parts, but make sure that the component is rated to handle
at least 0.35A.
Lowering Output Voltage Ripple
Using low ESR capacitors will help minimize the output
ripple voltage, but proper selection of the inductor and the
output capacitor also plays a big role. The LT1945 pro-
vides energy to the load in bursts by ramping up the
inductor current, then delivering that current to the load.
If too large of an inductor value or too small of a capacitor
value is used, the output ripple voltage will increase
because the capacitor will be slightly overcharged each
burst cycle. To reduce the output ripple, increase the
output capacitor value or add a 4.7pF feed-forward capaci-
tor in the feedback network of the LT1945 (see the circuits
in the Typical Applications section). Adding this small,
inexpensive 4.7pF capacitor will greatly reduce the output
voltage ripple.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
MS Package
10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
MSOP (MS) 0402
0.53
± 0.01
(.021
± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 – 0.27
(.007 – .011)
0.13
± 0.05
(.005
± .002)
0.86
(.034)
REF
0.50
(.0197)
TYP
12 3 45
4.88
± 0.10
(.192
± .004)
0.497
± 0.076
(.0196
± .003)
REF
8
9
10
7 6
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
NOTE 4
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.2 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.305
± 0.038
(.0120
± .0015)
TYP
0.50
(.0197)
BSC


Similar Part No. - LQH3C100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LQH3C100K24 LINER-LQH3C100K24 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
logo
ON Semiconductor
LQH3C100K24 ONSEMI-LQH3C100K24 Datasheet
172Kb / 11P
   CMOS White LED Driver
March, 2010 ??Rev. 4
More results

Similar Description - LQH3C100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com