Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMK130S-15 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PMK130S-15
Description  130W Open Frame and U-Channel Power Supplies with PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK130S-15 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PMK130S-15 Datasheet HTML 1Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 2Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 3Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 4Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 5Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 6Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 7Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 8Page - Astrodyne Corporation PMK130S-15 Datasheet HTML 9Page - Astrodyne Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
PMK130 series
130W Open Frame and U-Channel Power Supplies with PFC
130 Watts Output Power
Single Output
Universal 90-264VAC Input
5VDC to 48VDC Outputs
4242VDC Input to Output Isolation
Active Power Factor Correction
Model Number
Output V
Output I max.
Ripple & Noise
Efficiency(min/nom) Capacitive Load
SINGLE OUTPUT
PMK130S-5 (U)(-A)
5 VDC
22 Amps
100mV pk-pk
75% / 80%
10,000uF
PMK130S-12 (U)(-A)
12 VDC
10.8 Amps
120mV pk-pk
80% / 82%
26,800uF
PMK130S-15 (U)(-A)
15 VDC
8.7 Amps
120mV pk-pk
80% / 85%
22,000uF
PMK130S-24 (U)(-A)
24 VDC
5.4 Amps
120mV pk-pk
82% / 85%
28,000uF
PMK130S-28 (U)(-A)
28 VDC
4.6 Amps
120mV pk-pk
82% / 85%
16,800uF
PMK130S-36 (U)(-A)
36 VDC
3.6 Amps
120mV pk-pk
82% / 85%
1,950uF
PMK130S-48 (U)(-A)
48 VDC
2.7 Amps
120mV pk-pk
82% / 85%
7,800uF
Note:
1. The PMK130 Series is offered in an optional U-Channel Chassis as well as with optional 3.96mm pitch 5 and 10 Pin Input and Output connectors
(open frame construction and screw terminals are standard respectively). Simply add a “U” at the end of the Model Number to recieve the U-Channel
configuration or a “-A” to receive the pins, or both if both are desired. For example: The Model Number “PMK130S-5U-A” represents a single output
5VDC U-Channel supply with 3.96 pitched pins (5 Input; 10 Output) . See the Mechanical Dimensions on pages 3 through 8 in this specification
2. All “U” options are not covered by UL Certification unless provided with more than 10 CFM forced air cooling applied 6-10cm above T1.
3. Derating curves acceptable up tp 40°C for UL certified products
3” x 5” x 1.4”
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - PMK130S-15

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PMK105CBJ226MV-F TAIYO-YUDEN-PMK105CBJ226MV-F Datasheet
362Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Mobile Devices Only
PMK105EC6226MV-F TAIYO-YUDEN-PMK105EC6226MV-F Datasheet
406Kb / 3P
   Multilayer Ceramic Capacitors (High dielectric type)
PMK107BJ106KA-T TAIYO-YUDEN-PMK107BJ106KA-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
PMK107BJ106KD-T TAIYO-YUDEN-PMK107BJ106KD-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
PMK107BJ106KF-T TAIYO-YUDEN-PMK107BJ106KF-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - PMK130S-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-150 TOTAL-POWER-TPS-150 Datasheet
271Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
logo
Astrodyne Corporation
PMK450S ASTRODYNE-PMK450S Datasheet
1Mb / 10P
   450 Watt Enclosed and U-Channel Power Supplies with PFC
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530 Datasheet
227Kb / 2P
   Power Supplies - Open Frame
logo
Astrodyne Corporation
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
logo
Axiomtek Co., Ltd.
APS-530 AXIOMTEK-APS-530_17 Datasheet
159Kb / 1P
   Power Supplies - Open Frame
logo
SL Power Electronics
FLU40 SLPOWER-FLU40 Datasheet
469Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU1-50 SLPOWER-FLU1-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLU50-60 SLPOWER-FLU50-60 Datasheet
840Kb / 4P
   OPEN-FRAME SWITCHING POWER SUPPLIES
FLUX-50 SLPOWER-FLUX-50 Datasheet
92Kb / 3P
   OPEN-FRAME SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com