Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C08-3Z Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS24C08-3Z
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C08-3Z Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS24C08-3Z Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C08-3Z Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
1
Rev. D
06/25/02
IS24C01 IS24C02
IS24C04 IS24C08 IS24C16
ISSI®
Copyright © 2002 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit
2-WIRE SERIAL CMOS EEPROM
APRIL 2002
DESCRIPTION
The IS24CXX (refers to IS24C01, IS24C02, IS24C04,
IS24C08, IS24C16) family is a low-cost and low voltage 2-
wire Serial EEPROM. It is fabricated using ISSI’s advanced
CMOS EEPROM technology and provides a low power and
low voltage operation. The IS24CXX family features a write
protection feature, and is available in 8-pin DIP and 8-pin
SOIC packages.
The IS24C01 is a 1K-bit EEPROM; IS24C02 is a 2K-bit
EEPROM; IS24C04 is a 4K-bit EEPROM; IS24C08 is a 8K-
bit EEPROM; IS24C16 is a 16K-bit EEPROM.
The IS24C01 and IS24C02 are available in 8-pin MSOP
package. The IS24C01, IS24C02, IS24C04, and IS24C08
are available in 8-Pin TSSOP package.
Automotive data is preliminary.
FEATURES
• Low Power CMOS Technology
–Standby Current less than 8 µA (5.5V)
–Read Current (typical) less than 1 mA (5.5V)
–Write Current (typical) less than 3 mA (5.5V)
• Flexible Voltage Operation
–Vcc = 1.8V to 5.5V for –2 version
–Vcc = 2.5V to 5.5V for –3 version
• 400 KHz (I2C Protocol) Compatibility
• Hardware Data Protection
–Write Protect Pin
• Sequential Read Feature
• Filtered Inputs for Noise Suppression
• 8-pin PDIP and 8-pin SOIC packages
• 8-pin TSSOP (1K,2K, 4K & 8K only)
• 8-pin MSOP (1K,2K only)
• Self time write cycle with auto clear
5 ms @ 2.5V
• Organization:
–IS24C01 128x8 (one block of 128 bytes)
–IS24C02 256x8 (one block of 256 bytes)
–IS24C04 512x8 (two blocks of 256 bytes)
–IS24C08 1024x8 (four blocks of 256 bytes)
–IS24C16 2048x8 (eight blocks of 256 bytes)
• Page Write Buffer
• Two-Wire Serial Interface
–Bi-directional data transfer protocol
• High Reliability
–Endurance: 1,000,000 Cycles
–Data Retention: 100 Years
• Commercial, Industrial and Automotive tempera-
ture ranges


Similar Part No. - IS24C08-3Z

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C08-3Z ISSI-IS24C08-3Z Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-3ZA ISSI-IS24C08-3ZA Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C08-3ZI ISSI-IS24C08-3ZI Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C08-3Z

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01 ISSI-IS24C01 Datasheet
57Kb / 16P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com