Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1764ET-1.8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1764ET-1.8
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764ET-1.8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1764ET-1.8 Datasheet HTML 3Page - Linear Technology LT1764ET-1.8 Datasheet HTML 4Page - Linear Technology LT1764ET-1.8 Datasheet HTML 5Page - Linear Technology LT1764ET-1.8 Datasheet HTML 6Page - Linear Technology LT1764ET-1.8 Datasheet HTML 7Page - Linear Technology LT1764ET-1.8 Datasheet HTML 8Page - Linear Technology LT1764ET-1.8 Datasheet HTML 9Page - Linear Technology LT1764ET-1.8 Datasheet HTML 10Page - Linear Technology LT1764ET-1.8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1764 Series
1764fa
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Threshold
(On-to-Off)
SHDN Pin Input Current
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
Current Limit
Reverse Output Current
Reverse Output Current
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G22
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 1mA
SHDN Pin Threshold
(Off-to-On)
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G23
0.2
0.8
0.9
0.6
–25
25
100
125
IL = 3A
IL = 1mA
SHDN PIN VOLTAGE (V)
0
6
8
10
16
1764 G24
4
2
5
7
9
3
1
0
4
8
12
218
6
10
14
20
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
1764 G25
2
8
9
6
–25
25
100
125
VSHDN = 20V
TEMPERATURE (
°C)
–50
25
1756 G26
–25
0
50
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
75
100
125
INPUT/OUTPUT DIFFERENTIAL (V)
0
2
4
6
1
3
5
4
8
12
16
1764 G27
20
2
0
6
10
14
18
TJ = –50°C
TJ = 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
4
5
6
25
75
1764 G28
3
2
–25
0
50
100
125
1
0
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
3.0
4.0
5.0
8
1764 G29
2.0
1.0
2.5
3.5
4.5
1.5
0.5
0
2
4
6
19
3
5
7
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ (LT1764)
VOUT = VFB
(LT1764-1.8/-2.5/-3.3)
LT1764
LT1764-1.8
LT1764-2.5
LT1764-3.3
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1764 G30
0.2
0.8
0.9
0.6
–25
25
100
125
VIN = 0V
VOUT = 1.21V (LT1764)
VOUT = 1.8V (LT1764-1.8)
VOUT = 2.5V (LT1764-2.5)
VOUT = 3.3V (LT1764-3.3)
LT1764-1.8/-2.5/-3.3
LT1764


Similar Part No. - LT1764ET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764ET-1.8 LINER-LT1764ET-1.8 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764ET-1.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com