Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMK150D-D Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # PMK150D-D
Description  150 Watt Open Frame Switching Power Supply with PFC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK150D-D Datasheet(HTML) 3 Page - Astrodyne Corporation

  PMK150D-D Datasheet HTML 1Page - Astrodyne Corporation PMK150D-D Datasheet HTML 2Page - Astrodyne Corporation PMK150D-D Datasheet HTML 3Page - Astrodyne Corporation PMK150D-D Datasheet HTML 4Page - Astrodyne Corporation PMK150D-D Datasheet HTML 5Page - Astrodyne Corporation PMK150D-D Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
150 Watt Open Frame Switching Power Supply with PFC
PMK150 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
76.2mm
3.0in
66.2mm
2.61in
139.70mm
5.50in
128.30mm
5.05in
5.70mm
.22in
5mm
.197in
Mounting hole 3.4mm(0.134in)
36.5mm max
1.437in
2.5mm max
0.1in
1.6mm
.063in
FG
ACN
ACL
NC
COM
COM
COM
+V
+V
PMMK150S
Input connector : 3P / 8.25mm pitch TERMINAL BLOCK
Output connector : 6P / 8.25mm pitch TERMINAL BLOCK
PMMK150S_OPEN_B1.2
B
Height changes
2012/5/15
1 : 2
Erica
2D outline drawings
2012/7/2
Height changes from 35.5mm to 36mm
B1
B1.1
Height changes from 36mm to 36.5mm max
2012/11/8
B1.2
Change the Length and Width marked
2012/11/14
NOTE :
Maximum overall dimensions
139.9mm(5.508in)L
x 76.4mm(3.008in)W
x 36.5mm(1.437in)H
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
SHEET
OF
SIZE
A4
MECHANICAL DIMENSIONS - SINGLE OUTPUT


Similar Part No. - PMK150D-D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMK150D-D ASTRODYNE-PMK150D-D Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150D-DE ASTRODYNE-PMK150D-DE Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150D-DE ASTRODYNE-PMK150D-DE Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK150D-DU ASTRODYNE-PMK150D-DU Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
More results

Similar Description - PMK150D-D

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110_16 Datasheet
249Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70_16 Datasheet
251Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185 Datasheet
458Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL70 ASTRODYNE-REL70 Datasheet
371Kb / 3P
   70 Watt Open Frame Switching Power Supply with PFC
REL185 ASTRODYNE-REL185_16 Datasheet
302Kb / 3P
   185 Watt Open Frame Switching Power Supply with PFC
REL110 ASTRODYNE-REL110 Datasheet
400Kb / 3P
   110 Watt Open Frame Switching Power Supply with PFC
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com