Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1844ES5-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1844ES5-3.3
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844ES5-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC1844ES5-3.3 Datasheet HTML 1Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 2Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 3Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 4Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 5Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 6Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 7Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 8Page - Linear Technology LTC1844ES5-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1844 Series
1844ia
150mA, Micropower,
Low Noise, VLDO
Linear Regulator
May 2003
s
Very Low Dropout:
90mV at 150mA
30mV at 50mA (LTC1844-3.3)
s
Wide Input Voltage Range: 1.6V to 6.5V
s
Low 35
µA Supply Current, Even in Dropout
s
Low Noise: 30
µVRMS (10Hz to 100kHz)
s
±1.75% Voltage Accuracy Over Temperature,
Voltage and Current Ranges
s
Fast Transient Response
s
10nA Supply Current in Shutdown
s
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 2.8V, 3.3V
s
Adjustable Output Voltage: 1.25V to 6V
s
Output Current Limit
s
Reverse-Battery and Reverse-Current Protection
s
No Protection Diodes Needed
s
Stable with 1
µF Output Capacitor
s
Stable with Ceramic Capacitors
s
Short-Circuit and Thermal Overload Protection
s
Low Profile (1mm) SOT-23 Package
Fixed Voltage Low Noise, VLDO Linear Regulator
s
Bluetooth/802.11 Cards
s
PDAs and Notebook Computers
s
Portable Instruments and Battery-Powered Systems
s
Cellular Phones
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®1844 Series are low noise VLDO
TM (very low
dropout) linear regulators designed for low power/portable
applications. These regulators can operate from input
voltages as low as 1.6V. Typical output noise is only
30
µVRMS and typical dropout for the LTC1844-3.3 is just
90mV at the maximum load current of 150mA, reducing to
30mV at 50mA.
The internal P-channel MOSFET pass transistor requires
no base current, allowing the device to draw only 35
µA
during normal operation, independent of the dropout
voltage and load current. The quiescent current falls to a
negligible 10nA during shutdown.
Other features include high output voltage accuracy,
excellent transient response, stablity with ultralow ESR
ceramic capacitors as small as 1
µF, reverse-battery and
reverse-current protection, short-circuit and thermal
overload protection and output current limiting.
The LTC1844 regulators are available in a low profile
(1mm) SOT-23 (ThinSOT
TM) package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Final Electrical Specifications
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
IN
SHDN
1844 TA01
1
µF
LTC1844-3.3
OUT
VOUT
3.3V
VIN
3.3V TO 6.5V
BYP
GND
0.1
µF
1
µF
OFF ON
5
4
2
3
1
VLDO and ThinSOT are trademarks of Linear Technology Corporation.
LTC1844-3.3 Dropout Voltage vs Load Current
IOUT (mA)
0
0
20
40
60
80
120
100
25
50
75
100
1844 TA02
125
150


Similar Part No. - LTC1844ES5-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC1844 LINER-LTC1844 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LTC1844 LINER-LTC1844 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LTC1844 LINER-LTC1844 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LTC1844ES5-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com