Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1844-2.8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1844-2.8
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844-2.8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1844-2.8 Datasheet HTML 4Page - Linear Technology LTC1844-2.8 Datasheet HTML 5Page - Linear Technology LTC1844-2.8 Datasheet HTML 6Page - Linear Technology LTC1844-2.8 Datasheet HTML 7Page - Linear Technology LTC1844-2.8 Datasheet HTML 8Page - Linear Technology LTC1844-2.8 Datasheet HTML 9Page - Linear Technology LTC1844-2.8 Datasheet HTML 10Page - Linear Technology LTC1844-2.8 Datasheet HTML 11Page - Linear Technology LTC1844-2.8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1844 Series
1844ia
When VIN is held constant and VOUT varied, current flow
will follow the curves shown in Figure 7. With VOUT held
below VOUT(NOM), the LTC1844 will be in current limit
trying to pull VOUT up. With VOUT held between VOUT(NOM)
and VIN, IIN will be at the normal quiescent current level
and IOUT will be 1µA to 2µA. As VOUT is pulled above VIN,
IOUT temporarily increases to 30µA until the reverse cur-
rent protection circuitry activates and reduces IOUT to less
than 10
µA.
Alternatively, when VOUT is held constant and VIN varied,
current flow will follow Figure 8’s curves. IOUT will be less
than 10
µA at all times except for a brief spike just below
2.7V before the reverse current protection circuitry acti-
vates.
APPLICATIONS INFORMATION
Figure 7. Reverse Current vs Output Voltage
Figure 8. Reverse Current vs Input Voltage
OUTPUT VOLTAGE (V)
0
0
5
15
20
25
50
35
2
4
5
IIN
1844 F07
10
40
45
30
1
3
6
7
LTC1844-2.8
TJ = 25°C
VIN = 3.3V
CURRENT FLOWS
INTO PINS
IOUT
IN CURRENT
LIMIT BELOW
2.8V
INPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
1844 F08
2.5
100
90
80
70
60
50
40
30
20
10
0
3.0
IOUT
IIN
LTC1844-2.8
TJ = 25°C
VOUT = 2.7V
CURRENT FLOW
INTO PINS
IN CURRENT
LIMIT ABOVE
2.7V


Similar Part No. - LTC1844-2.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC1844 LINER-LTC1844 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LTC1844 LINER-LTC1844 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LTC1844 LINER-LTC1844 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LTC1844-2.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com