Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1844-2.8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1844-2.8
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844-2.8 Datasheet(HTML) 4 Page - Linear Technology

  LTC1844-2.8 Datasheet HTML 1Page - Linear Technology LTC1844-2.8 Datasheet HTML 2Page - Linear Technology LTC1844-2.8 Datasheet HTML 3Page - Linear Technology LTC1844-2.8 Datasheet HTML 4Page - Linear Technology LTC1844-2.8 Datasheet HTML 5Page - Linear Technology LTC1844-2.8 Datasheet HTML 6Page - Linear Technology LTC1844-2.8 Datasheet HTML 7Page - Linear Technology LTC1844-2.8 Datasheet HTML 8Page - Linear Technology LTC1844-2.8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1844 Series
1844ia
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIM
Output Current Limit
q
160
350
mA
en
Output Voltage Noise
f = 10Hz to 100kHz, CBP = 0.1µF, COUT = 1µF, IL = 150mA
35
µVRMS
f = 10Hz to 100kHz, CBP = 0.1µF, COUT = 10µF, IL = 150mA
30
µVRMS
VSHDN
SHDN Input Threshold
q
0.35
0.65
0.9
V
tDELAY
Shutdown Exit Delay
CBP = 0.01µF, COUT = 1µF, No load
70
100
µs
CBP = 0.01µF, COUT = 1µF, No load
q
200
µs
TSHDN
Thermal Shutdown Limit
155
°C
∆TSHDN
Thermal Shutdown Hysteresis
10
°C
IADJ
ADJ Pin Bias Current
(Notes 3, 8)
q
30
100
nA
IIRL
Input Reverse Leakage Current
LTC1844-3.3, LTC1844-2.8, LTC1844-2.5, LTC1844-1.8,
q
200
500
µA
LTC1844-1.5, VIN = –5V, VOUT = 0V
LTC1844-BYP, LTC1844-SD, VIN = –5V, VOUT = 0V
q
1000
1500
µA
IORL
Output Reverse Leakage Current
VIN = 0V, VOUT = VOUT(NOMINAL)
0.01
0.1
µA
(Note 9)
VIN = 0V, VOUT = VOUT(NOMINAL)
q
1.2
µA
VOSH
Start-Up Overshoot
RL = 1k, SHDN Rise Time ≤ 1µs2
%VOUT
VRP
Output Ripple Rejection
(VIN – VOUT) = 1V (Avg), VRIPPLE = 0.5VP-P,60
dB
fRIPPLE = 120Hz, ILOAD = 100mA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC1844 is tested and specified under pulse load conditions
such that TJ ≈ TA. The LTC1844E is guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: The LTC1844 adjustable versions are tested and specifed for these
conditions with the ADJ pin connected to the OUT pin for a VOUT(NOMINAL)
of 1.252V.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: The LTC1844’s high precision degrades slightly at high
temperatures (TJ > 70°C) with input voltages below 2.2V. The lower output
voltage versions have been split into higher and lower accuracy input
voltage ranges to reflect this.
Note 6: To ensure adequate input supply voltage, the LTC1844 adjustable
versions are tested and specified for these conditions with an external
resistor divider (two 100k resistors) for an output voltage of 2.504V. The
external resistor divider will add a 5
µA load on the output.
Note 7: Dropout voltage is (VIN – VOUT) when VOUT falls to 100mV below
its nominal value measured at VIN = VOUT + 0.5V. For example, the
LTC1844-3.3 is tested by measuring the VOUT at VIN = 3.8V, then VIN is
lowered until VOUT falls 100mV below the measured value. The difference
(VIN – VOUT) is then measured and defined as ∆VDO.
Note 8: ADJ pin bias current flows into the ADJ pin.
Note 9: Output reverse leakage current is tested with the IN pin grounded
and the OUT pin forced to the rated output voltage.
Note 10: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.


Similar Part No. - LTC1844-2.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LTC1844 LINER-LTC1844 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LTC1844 LINER-LTC1844 Datasheet
286Kb / 24P
   Dual 150mA Positive/Negative Low Noise
LTC1844 LINER-LTC1844 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LTC1844 LINER-LTC1844 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LTC1844-2.8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1844 LINER-LTC1844_15 Datasheet
213Kb / 12P
   150mA, Micropower, Low Noise, VLDO Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Union Semiconductor, In...
UM17735 UNIONSEMI-UM17735 Datasheet
219Kb / 7P
   500mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
   300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
   300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM1770 UNIONSEMI-UM1770 Datasheet
847Kb / 13P
   500mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
   300mA, Micropower, VLDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com