Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3856ESX-2.5 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3856ESX-2.5
Description  3A Fast Response Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3856ESX-2.5 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3856ESX-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 9Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 10Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 11Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 12Page - National Semiconductor (TI) LP3856ESX-2.5 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics Unless otherwise specified: T
J = 25˚C, COUT = 10µF,
CIN = 10µF, S/D pin is tied to VIN,VOUT = 2.5V, VIN =VO(NOM) + 1V, IL = 10 mA. (Continued)
Load Transient Response
C
IN =COUT = 10µF, TANTALUM
Load Transient Response
C
IN =COUT = 100µF, TANTALUM
20030974
20030975
Load Transient Response
C
IN =COUT = 10µF, OSCON
Load Transient Response
C
IN =COUT = 100µF, OSCON
20030976
20030977
Load Transient Response
C
IN =COUT = 100µF, POSCAP
Load Transient Response
C
IN =COUT = 10µF, TANTALUM
20030978
20030979
www.national.com
9


Similar Part No. - LP3856ESX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3856ESX-2.5/NOPB TI1-LP3856ESX-2.5/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3856ESX-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
[Old version datasheet]   LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com