Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX638 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # MAX638
Description  48V-to-5V DC-DC Converter Using MAX638 Switching Step-Down Regulator Borrows Power from Phone Lines
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

MAX638 Datasheet(HTML) 2 Page - Dallas Semiconductor

  MAX638 Datasheet HTML 1Page - Dallas Semiconductor MAX638 Datasheet HTML 2Page - Dallas Semiconductor MAX638 Datasheet HTML 3Page - Dallas Semiconductor MAX638 Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Figure 1. This circuit draws line power in the off-hook condition and delivers as much as
250mW at the 5V output, while maintaining normal voice (or data) communications over the
phone lines.


Similar Part No. - MAX638

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX638 MAXIM-MAX638 Datasheet
291Kb / 8P
   5V/Adjustable CMOS Step-down Switching Regulator
Rev 1; 7/96
MAX6380 MAXIM-MAX6380 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380 MAXIM-MAX6380 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6380UR33-T MAXIM-MAX6380UR33-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6380UR34-T MAXIM-MAX6380UR34-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
More results

Similar Description - MAX638

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
296Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Texas Instruments
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com