Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3293 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3293
Description  20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3293 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3293 Datasheet HTML 1Page - Maxim Integrated Products MAX3293 Datasheet HTML 2Page - Maxim Integrated Products MAX3293 Datasheet HTML 3Page - Maxim Integrated Products MAX3293 Datasheet HTML 4Page - Maxim Integrated Products MAX3293 Datasheet HTML 5Page - Maxim Integrated Products MAX3293 Datasheet HTML 6Page - Maxim Integrated Products MAX3293 Datasheet HTML 7Page - Maxim Integrated Products MAX3293 Datasheet HTML 8Page - Maxim Integrated Products MAX3293 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
20Mbps, +3.3V, SOT23 RS-485/
RS-422 Transmitters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.3V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
Supply Voltage (VCC).............................................................+6V
DE, DI .......................................................................-0.3V to +6V
Y, Z .........................................................................-7V to +12.5V
Maximum Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 6.25mW/°C above +70°C).........500mW
Operating Temperature Ranges
MAX32_ _AUT...............................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature .....................................................+160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Supply Voltage
VCC
3.135
3.300
3.465
V
Supply Current in Normal
Operation
IQ
No load, DI = VCC or GND, DE = VCC
5mA
Supply Current in Shutdown Mode
ISHDN
No load, DE = GND
1
10
µA
DRIVER
R = 50
Ω (RS-422),
TA ≤ +85°C
2.0
VCC
Differential Driver Output
VOD
Figure 1, DE = VCC,
DI = GND or VCC
R = 27
Ω (RS-485),
TA ≤ +85°C
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
∆VOD
Figure 1, R = 27
Ω or 50Ω,
DE = VCC (Note 3)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 1, R = 27
Ω or 50Ω,
DE = VCC, DI = VCC or GND
-1
+3
V
Change in Magnitude of Common-
Mode Voltage
∆VOC
Figure 1, R = 27
Ω or 50Ω (Note 3)
0.2
V
DRIVER LOGIC
Input High Voltage
VIH
DE, DI
2.0
V
Input Low Voltage
VIL
DE, DI
0.8
V
Input Current
IIN
DE, DI
-2
+2
µA
VIN = +12V
-20
+20
Output Leakage
IO
Y, Z
DE = GND,
VCC = GND or
+3.3V
VIN = -7V
-20
+20
µA
(VCC - 1V) ≤ VOUT ≤ +12V, output high
+25
Driver Short-Circuit Foldback
Output Current
IOSFD
-7V
≤ VOUT ≤ 1V, output high
-25
mA
0
≤ VOUT ≤ +12V, output low
-250
Driver Short-Circuit
Output Current
IOSD
-7V
≤ VOUT ≤ VCC, output high
+250
mA
Thermal-Shutdown Threshold
TTS
160
°C
Thermal-Shutdown Hysteresis
TTSH
40
°C
ESD Protection
Y, Z
Human Body Model
±9
kV


Similar Part No. - MAX3293

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293 Datasheet
103Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A January 27, 2004
MAX3293 MAXIM-MAX3293 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
MAX3293AUT MAXIM-MAX3293AUT Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293AUT+T MAXIM-MAX3293AUT+T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
More results

Similar Description - MAX3293

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3293 MAXIM-MAX3293_11 Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3295AUT-T MAXIM-MAX3295AUT-T Datasheet
295Kb / 11P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
Rev 3; 3/11
MAX3293 MAXIM-MAX3293_14 Datasheet
1Mb / 11P
   20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
Rev 4; 12/14
MAX3293 MAXIM-MAX3293_V01 Datasheet
1Mb / 12P
   20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters
19-2770; Rev 5; 4/19
logo
Exar Corporation
XR33193 EXAR-XR33193 Datasheet
420Kb / 12P
   3.3V, 20Mbps, TSOT23 RS-485/RS-422 Transmitters with 15kV ESD Protection
logo
Maxim Integrated Produc...
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3040 MAXIM-MAX3040 Datasheet
262Kb / 15P
   짹10kV ESD-Protected, Quad 5V RS-485/RS-422 Transmitters
Rev 1; 12/01
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com