Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5016CF Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MBI5016CF
Description  16-bit Constant Current LED Sink Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5016CF Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MBI5016CF Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 11Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 12Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 13Page - List of Unclassifed Manufacturers MBI5016CF Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MBI5026
16-bit Constant Current LED Sink Driver
August 2003, V0.9
- 10 -
Iout vs. Duty Cycle at Rth = 59.01 (°C/W)
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle
Iout vs. Duty Cycle at Rth = 72.43 (°C/W)
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle
Package Power Dissipation (PD)
The maximum allowable package power dissipation is determined as PD(max) = (Tj – Ta) / Rth(j-a). When 16 output
channels are turned on simultaneously, the actual package power dissipation is PD(act) = (IDD x VDD) + (IOUT x Duty
x VDS x 16). Therefore, to keep PD(act) ≤ PD(max), the allowable maximum output current as a function of duty cycle
is:
IOUT = { [ (Tj – Ta) / Rth(j-a) ] – (IDD x VDD) } / VDS / Duty / 16,
where Tj = 150°C.
Iout vs. Duty Cycle at Rth = 53.82 (°C/W)
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle
Iout vs. Duty Cycle at Rth = 66.74 (°C/W)
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle
Iout vs. Duty Cycle at Rth = 49.81 (°C/W)
0
10
20
30
40
50
60
70
80
90
100
Duty Cycle
Condition:Iout = 90mA,VDS = 1.0V,16 output
channels active
Device Type
Rth(j-a)(°C/W)
Note
CN
53.82
CNS
66.74
CD
49.81
CF
59.01
CP\CPA
72.43
CD type package
CN type package
CF type package
CNS type package
CP\CPA type package
Ta = 25℃
Ta = 55℃
Ta = 85℃


Similar Part No. - MBI5016CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CF ETC-MBI5016CF Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC1-MBI5016CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC2-MBI5016CF Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5016CF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com