Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBI5016CD Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MBI5016CD
Description  16-bit Constant Current LED Sink Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBI5016CD Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MBI5016CD Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 10Page - List of Unclassifed Manufacturers MBI5016CD Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MBI5026
16-bit Constant Current LED Sink Driver
August 2003, V0.9
- 7 -
Switching Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Unit
CLK - OUTn
tpLH1
-
50
100
ns
LE - OUTn
tpLH2
-
50
100
ns
OE - OUTn
tpLH3
-
20
100
ns
Propagation Delay Time
(“L” to “H”)
CLK - SDO
tpLH
15
20
-
ns
CLK - OUTn
tpHL1
-
100
150
ns
LE - OUTn
tpHL2
-
100
150
ns
OE - OUTn
tpHL3
-
50
150
ns
Propagation Delay Time
(“H” to “L”)
CLK - SDO
tpHL
15
20
-
ns
CLK
tw(CLK)
20
-
-
ns
LE
tw(L)
20
-
-
ns
Pulse Width
OE
tw(OE)
200
-
-
ns
Hold Time for LE
th(L)
5
-
-
ns
Setup Time for LE
tsu(L)
VDD=5.0 V
VDS=0.8 V
VIH=VDD
VIL=GND
Rext=300 Ω
VL=4.0 V
RL=52 Ω
CL=10 pF
5
-
-
ns
Hold Time for SDI
th(D)
10
-
-
ns
Setup Time for SDI
tsu(D)
5
-
-
ns
Clock Frequency
FCLK
Cascade
Operation
-
-
25.0
MHz
Maximum CLK Rise Time
tr**
-
-
500
ns
Maximum CLK Fall Time
tf**
-
-
500
ns
Output Rise Time of Vout (turn off)
tor
-
40
120
ns
Output Fall Time of Vout (turn on)
tof
-
70
200
ns
**If the devices are connected in cascade and tr or tf is large, it may be critical to achieve the timing required for
data transfer between two cascaded devices.
Test Circuit for Switching Characteristics
OE
CLK
LE
DD
V
EXT
-
R
GND
SDO
OUT0
OUT15
.
..
Generator
Function
DD
I
OUT
I
ref
I
L
R
L
C
L
C
L
V
IL
IH,
V
V
5V
VIH
=
0V
VIL
=
waveform
input
Logic
ns
10
t
t
f
r
=
=
SDI


Similar Part No. - MBI5016CD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CD ETC2-MBI5016CD Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results

Similar Description - MBI5016CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com