Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7111CFU Datasheet(PDF) 11 Page - Motorola, Inc

Part # MAC7111CFU
Description  MAC7100 Microcontroller Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7111CFU Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MAC7111CFU Datasheet HTML 7Page - Motorola, Inc MAC7111CFU Datasheet HTML 8Page - Motorola, Inc MAC7111CFU Datasheet HTML 9Page - Motorola, Inc MAC7111CFU Datasheet HTML 10Page - Motorola, Inc MAC7111CFU Datasheet HTML 11Page - Motorola, Inc MAC7111CFU Datasheet HTML 12Page - Motorola, Inc MAC7111CFU Datasheet HTML 13Page - Motorola, Inc MAC7111CFU Datasheet HTML 14Page - Motorola, Inc MAC7111CFU Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
11
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
3.6.5
Chip Power Up and Voltage Drops
The VREG sub-modules LVI (low voltage interrupt), POR (power on reset) and LVR (low voltage reset)
handle chip power-up or drops of the supply voltage. Refer to Figure 2.
Figure 2. VREG Chip Power-up and Voltage Drops
3.6.6
Output Loads
The on-chip voltage regulator is intended to supply the internal logic and oscillator circuits. No external DC
load is allowed. Capacitive loads are specified in Table 14. Capacitors with X7R dielectricum are required.
Table 14. VREG Recommended Load Capacitances
Rating
Symbol
Min
Typ
Max
Unit
Load Capacitance on each VDD2.5 pin
CLVDD
200
440
12000
nF
Load Capacitance on VDDPLL pin
CLVDDfcPLL
90
220
5000
nF
LVI Disabled
due to LVR
VLVID
VLVRD
LVR
POR
LVI
VPORD
VLVRA
VLVIA
Time
LVI Enabled
VDDA
VDD2.5
Voltage
Note: Not to scale.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MAC7111CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7111CFU50 FREESCALE-MAC7111CFU50 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7111CFU

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com