Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT41316-50P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GLT41316-50P
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316-50P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GLT41316-50P Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT41316-50P Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 7 -
Parameter
tRAC = 30 ns tRAC = 35 ns tRAC = 40 ns tRAC = 45 ns
Symbo
l
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. Unit Notes
WE Lead Time Referenced to RAS
tRWL
10
-
11
-
12
-
12
-
ns
WE Lead Time Referenced to CAS
tCWL
10
-
11
-
12
-
12
-
ns
Data-In Setup Time
tDS
0
-
0
-
0
-
0
-
ns
11
Data-In Hold Time
tDH
7
-
7
-
8
-
8
-
ns
11
Data Hold Time Referenced to RAS
tDHR
27
-
31
-
36
-
41
-
ns
6
WE Setup Time
tWCS
0
-
0
-
0
-
0
-
ns
5
RAS to WE Delay Time
tRWD
47
-
58
-
63
-
68
-
ns
5
CAS to WE Delay Time
tCWD
24
-
29
-
30
-
30
-
ns
5
Column Address to WE Delay Time
tAWD
29
-
36
-
38
-
40
-
ns
5
CAS Setup Time( CAS before RAS
Refresh)
tCSR
5
-
5
-
5
-
5
-
ns
CAS Hold Time( CAS before RAS
Refresh)
tCHR
10
-
10
-
10
-
10
-
ns
RAS to CAS Precharge Time
tRPC
5
-
5
-
5
-
5
-
ns
CAS Precharge Time(CBR Counter Test
Cycle)
tCPT
20
-
20
-
20
-
20
-
ns
Access Time from CAS Precharge
tCPA
-
18
-
21
-
23
-
25
ns
3
Fast Page mode Read/Write Cycle Time tPC
18
-
21
-
23
-
25
-
ns
Fast Page mode Read Modify Write
Cycle Time
tPRWC
48
-
60
-
63
-
65
-
ns
CAS Precharge Time(Fast Page mode)
tCP
5.5
-
6
-
7
-
7
-
ns
RAS Pulse Width(Fast Page mode)
tRASP
30
100k
35
100k
40
100K
45
100K
ns
RAS Hold Time from CAS Precharge
tRHCP
25
-
25
-
25
-
30
-
ns
Access Time from OE
tOEA
-
10
-
11
-
12
-
12
ns
OE to Delay Time
tOED
8
-
8
-
8
-
8
-
ns
Output Buffer Turn-off Delay Time from
OE
tOEZ
3
8
3
8
3
8
3
8
ns
7
OE Hold Time
tOEH
6
-
6
-
7
-
7
-
ns
WE Hold Time(Hidden Refresh Cycle)
tWHR
15
-
15
-
15
-
15
-
ns
Refresh Time(256cycles)
tREF
-
4
-
4
-
4
-
4
ms


Similar Part No. - GLT41316-50P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT41316-50P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com