Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250U25B253C1NA Datasheet(PDF) 1 Page - CTS Corporation

Part # 250U25B253C1NA
Description  Commercial 9mm Carbon Composition Rotary Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

250U25B253C1NA Datasheet(HTML) 1 Page - CTS Corporation

  250U25B253C1NA Datasheet HTML 1Page - CTS Corporation 250U25B253C1NA Datasheet HTML 2Page - CTS Corporation 250U25B253C1NA Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Commercial 9mm
Carbon Composition
R
• Miniature 9mm size
• Vertical or horizontal PCB mount
• Closed construction
• Detent available
Series 250
Electrical and Mechanical Specifications
Resistance Range
500 ohms through 1 Megohms
Resistance Tolerance
Power Rating
0.05 watts @ 50°C
Dielectric Strength
250 VAC for 1 minute
Insulation Resistance
100 Megohms minimum @ 250 VDC
Angle of Rotation
280°
Rotational Torque
10 to 100 gf-cm
Stop Strength
3 kgf-cm minimum
Detent
Detent @ 50% rotation
Pull-Push Strength on shaft
5 kgs for 10 seconds
Rotational Life
Standard: 5 K cycles
Features
Maximum Operating Voltage
50 VAC, 20 VDC
• RoHS compliant
1 - 3
© 2010 CTS Corporation. All rights reserved. Information subject to change.
05/14/10
CTS
Electrocomponents
www.ctscorp.com
®
Electrocomponents
Data Sheet
Data Sheet
Rotary Potentiometer
• Snap-in structure
Operating Temperature
0°C to 85°C
Solder Heat Resistance
260°C for 5 seconds
Mounting Information
P.C. board mounting
Type “X”, “Y”, “B” : shaft parallel to P.C. board
Type “U” : shaft perpendicular to P.C. board
Rotary Potentiometer
±30%, ±20%, ±10%
• Low cost
Special: 10 K, 100 K cycles


Similar Part No. - 250U25B253C1NA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20B102A1CA CTS-250U20B102A1CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U20B102A1CB CTS-250U20B102A1CB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U20B102A1NA CTS-250U20B102A1NA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U20B102A1NB CTS-250U20B102A1NB Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
250U20B102A2CA CTS-250U20B102A2CA Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
More results

Similar Description - 250U25B253C1NA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
   Commercial Linear Motion Carbon Composition Slide Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
   9mm Rotary Potentiometer
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com