Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HO15-NSM-411E Datasheet(PDF) 1 Page - LEM

Part # HO15-NSM-411E
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NSM-411E Datasheet(HTML) 1 Page - LEM

  HO15-NSM-411E Datasheet HTML 1Page - LEM HO15-NSM-411E Datasheet HTML 2Page - LEM HO15-NSM-411E Datasheet HTML 3Page - LEM HO15-NSM-411E Datasheet HTML 4Page - LEM HO15-NSM-411E Datasheet HTML 5Page - LEM HO15-NSM-411E Datasheet HTML 6Page - LEM HO15-NSM-411E Datasheet HTML 7Page - LEM HO15-NSM-411E Datasheet HTML 8Page - LEM HO15-NSM-411E Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Page 1/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer HO-NSM-0000 SERIES I
PN = 8, 15, 25 A
Ref: HO 8-NSM-0000, HO 15-NSM-0000, HO 25-NSM-0000
N°64.52.11.000.0, N°64.52.15.000.0, N°64.52.19.000.0
For the electronic measurement of current: DC, AC, pulsed..., with galvanic separation
between the primary and the secondary circuit.
Features
● Hall effect measuring principle
● Multirange current transducer through PCB
pattern lay-out
● Galvanic separation between primary and secondary circuit
● Insulated test voltage 4300 V
● Low power consumption
● Extremely low profile 12 mm
● Single power supply + 5 V
● Fixed offset & sensitivity
● Over-current detect 2.63 x I
PN (peak value)
● Memory check.
Advantages
● Small size and space saving
● Only one design for wide primary current range
● High immunity to external interference
● 8 mm creepage /clearance
● High insulation capability
● Fast response.
Applications
● AC variable speed drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies (SMPS)
● Power supplies for welding applications
● The solar inverter on DC side of the inverter (MPPT)
● Combiner box.
Standards
● EN 50178: 1997
● IEC 61010-1: 2010
● IEC 61326-1: 2012
● UL 508: 2010.
Application Domain
● Industrial.


Similar Part No. - HO15-NSM-411E

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0002 LEM-HO15-NP-0002 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NSM-411E

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com