Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P420E85 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # P420E85
Description  FUJITSU Desktop ESPRIMO P420 E85
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

P420E85 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

  P420E85 Datasheet HTML 1Page - Fujitsu Component Limited. P420E85 Datasheet HTML 2Page - Fujitsu Component Limited. P420E85 Datasheet HTML 3Page - Fujitsu Component Limited. P420E85 Datasheet HTML 4Page - Fujitsu Component Limited. P420E85 Datasheet HTML 5Page - Fujitsu Component Limited. P420E85 Datasheet HTML 6Page - Fujitsu Component Limited. P420E85 Datasheet HTML 7Page - Fujitsu Component Limited. P420E85 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P420 E85+
Page 6 / 8
www.fujitsu.com/fts/ESPRIMO
Manageability
Manageability technology
DeskUpdate Driver management
PXE 2.1 Boot code
Wake up from S5 (off mode)
WoL (Wake on LAN)
Supported standards
DMI (Desktop Management Interface)
SMBIOS (System Management BIOS)
PXE (Preboot Execution Environment)
WMI (Windows Management Instrumentation)
WBEM (Web Based Enterprise Management)
CIM (Common Information Model)
Security
Physical Security
Kensington Lock support
Eye for padlock
System and BIOS Security
Boot sector virus protection
Write protect option for the Flash EPROM
Control of external interfaces
User Security
User and supervisor BIOS password
Hard disk password
Access protection via external SmartCard reader (optional)
Access protection via internal SmartCard reader (optional)
Miscellaneous
Packaging information
Packaging dimension (mm)
516 x 278 x 562 mm
Packaging dimension (inch)
20.31 x 10.94 x 22.13 inch
Max. quantity / pallet
24
Material - Weight (g) Carton
1280 g
Material - Weight (lbs) Carton
2.82 lbs
Material - Weight (g) EPS / PS
140 g
Material - Weight (lbs) EPS / PS
0.31 lbs
Material - Weight (g) PE
60 g
Material - Weight (lbs) PE
0.13 lbs
Packaging notes
printed user documentation is bleached in chlorine free process
Warranty
Warranty period
1 year
Warranty type
Bring-In / Onsite Service (for countries within region EMEIA, for all other countries depending on local regulations)
Warranty Terms & Conditions
http://support.ts.fujitsu.com/warranty
Product Support Services - the perfect extension
Recommended Service
9x5, Onsite Response Time: Next Business Day
Spare Parts availability
5 years after end of product life
Service Weblink
http://www.fujitsu.com/fts/services/support
Recommended Accessories
Display E19-7 LED
The FUJITSU Display E19-7 LED combines comfortable ergonomics with
best-in-class energy saving technology like ECO operation mode.
Order Code:
S26361-K1482-V160
Display B24W-7 LED
The FUJITSU B24W-7 LED Display with excellent ergonomics makes intensive
office work extremely comfortable. This highly reliable display offers superb
usability and power-saving features to help reduce your labor as well as
energy costs. With wide viewing angle technology, flexible connectivity, and
easy manageability, the FUJITSU B24W-7 LED Display can help you improve
productivity.
Order Code:
S26361-K1497-V140


Similar Part No. - P420E85

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P420-001 TRIPPLITE-P420-001 Datasheet
153Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F/F)
logo
E-SWITCH
P420000 E-SWITCH-P420000 Datasheet
107Kb / 1P
   All Dimension In MM
logo
celduc-relais
P4200000 CELDUC-P4200000 Datasheet
186Kb / 1P
   MOULDED CONTROL MAGNET
logo
Tripp Lite. All Rights ...
P420001 TRIPPLITE-P420001 Datasheet
472Kb / 2P
   RJ11 Straight Through Modular In-Line Coupler (F-F)
logo
UN Semiconducctor INC
P4200DM UNSEMI-P4200DM Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P420E85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
D956E85 FUJITSU-D956E85 Datasheet
389Kb / 9P
   FUJITSU Desktop ESPRIMO D956/E85
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
   FUJITSU Desktop ESPRIMO P920 E85
P520E85 FUJITSU-P520E85 Datasheet
194Kb / 9P
   FUJITSU Desktop ESPRIMO P520 E85
P756E85 FUJITSU-P756E85 Datasheet
381Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E85
D556E85 FUJITSU-D556E85 Datasheet
375Kb / 9P
   FUJITSU Desktop ESPRIMO D556/E85
P956E85 FUJITSU-P956E85 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E85
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com