Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLT41316-45Q Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLT41316-45Q
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316-45Q Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLT41316-45Q Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT41316-45Q Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 8 -
Notes
1. An initial pause of 100
µs is required after power-up followed by any 8 RAS only Refresh or CAS
before RAS Refresh cycles to initialize the internal circuit.
2. VIH(min.) and VIL(min.) are reference levels for measuring timing of input signals. Transition times
are measured between VIH(min.) and VIL(max.), AC measurements assume tT = 3ns.
3. Measured with an equivalent to 2 TTL loads and 100pF.
4. For read cycles, the access time is defined as follows:
Input Conditions
Access Time
tRAD
≤ t
RAD(MAX.) and tRCD
≤ t
RCD(MAX.)
tRAC(MAX.)
tRAD(max.)< tRAD and tRCD
≤ t
RCD(MAX.)
tAA(MAX.)
tRCD(max.)< tRCD
tCAC(MAX.)
tRAD(MAX.) and tRCD(MAX.) indicate the points which the access time changes and are not the limits of
operation.
5. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data
sheet
as electric characteristics only. If tWCS
≥ t
WCS(min.), the cycle is an early write cycle and the data output
will remain high impedance for the duration of the cycle. If tCWD
≥ t
CWD(min.),tRWD
≥ t
RWD (min.) and
tAWD
≥ t
AWD(min.), then the cycle is a read-modify-write cycle and the data output will contain the data
read from the selected address. If neither of the above conditions is satisfied, the condition of the
data
out is indeterminate.
6. tAR, tWCR, and tDHR are referenced to tRAD(max.).
7. tOFF(max.) and tOEZ(max.) define the time at which the output achieves the open circuit condition and are
not referenced to VOH or VOL.
8. tCRP(min) requirement should be applicable for RAS , CAS cycle preceded by any cycles.
9. Either tRCH(min.) or tRRH(min.) must be satisfied for a read cycle.
10. tWP(min.) is applicable for late write cycle or read modify write cycle. In early write cycles, tWCH(min.)
should be satisfied.
11.This specification is referenced to CAS falling edge in early write cycles and to WE falling edge in
late write or read modify write cycles.


Similar Part No. - GLT41316-45Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT41316-45Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
   64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
   64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A418316 AMICC-A418316 Datasheet
264Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
   256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
   512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
   HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
   256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com