Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P956LL Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # P956LL
Description  FUJITSU Desktop ESPRIMO P956/LL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

P956LL Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  P956LL Datasheet HTML 1Page - Fujitsu Component Limited. P956LL Datasheet HTML 2Page - Fujitsu Component Limited. P956LL Datasheet HTML 3Page - Fujitsu Component Limited. P956LL Datasheet HTML 4Page - Fujitsu Component Limited. P956LL Datasheet HTML 5Page - Fujitsu Component Limited. P956LL Datasheet HTML 6Page - Fujitsu Component Limited. P956LL Datasheet HTML 7Page - Fujitsu Component Limited. P956LL Datasheet HTML 8Page - Fujitsu Component Limited. P956LL Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P956/LL
Page 5 / 9
www.fujitsu.com/fts/ESPRIMO
Graphics on board
TFT resolution (DVI)
1,280 x 1,024 pixel
1,360 x 768 pixel
1,440 x 900 pixel
1,600 x 900 pixel
1,680 x 1,050 pixel
1,920 x 1,080 pixel
1,920 x 1,200 pixel
TFT resolution (DisplayPort)
1,280 x 1,024 pixel
1,360 x 768 pixel
1,440 x 900 pixel
1,600 x 900 pixel
1,680 x 1,050 pixel
1,920 x 1,080 pixel
1,920 x 1,200 pixel
2,560 x 1,440 pixel
2,560 x 1,600 pixel
3,840 x 2,160 pixel
4,096 x 2,304 pixel
Graphics features
Support for up to three independent displays
DirectX® 12
HDCP support
OpenCL™ 2.0 (requires Intel® Core™ i3, i5 or i7 processors)
OpenGL® 4.4
One DisplayPort connector can be converted to DVI-D or HDMI with an optional external adapter
For multi monitoring mode, graphics card and integrated graphics run in parallel
DisplayPort interface supports Ver. 1.2 incl. Multi-Stream
DVI-D interface supports audio output for HDMI monitors
Graphics notes
up to 1 GB dedicated video memory (main memory owned and locked for graphics use)
Tested resolutions, depending on display type additional resolutions and frequencies possible
Shared memory depending on main memory size and operating system
Resolution (color depth up to 32 Bit/pixel)
For TFT we recommend using 60Hz
Electrical values
Power efficiency note
power supply efficiency (at 230V; 10% / 20% / 50% / 100% load) : 84% / 90% / 92% / 91%
Rated voltage range
100 V - 240 V
Rated frequency range
50 Hz - 60 Hz
Operating voltage range
90 V - 264 V
Operating line frequency range
47 Hz - 63 Hz
Max. output of single power supply
280 W
Power factor correction/active power
active
Monitor outlet
Switched
Power consumption
Power consumption note
See white paper Energy Consumption
Link to Energy White Paper
http://docs.ts.fujitsu.com/dl.aspx?id=9a126de9-d9e0-4e4c-837b-9f83f7716e8b
Heat dissipation
Heat dissipation notes
See white paper Energy Consumption
Noise emission
Related Processors for noise
Intel® Core™ i7 6700
Standard noise emission
2x4 GB, HDD, ODD, Windows
According to ISO 7779:2010, ECMA-74
Standard noise notes / description
A-weighted sound power level Lwad (in B) / Workplace related A-weighted sound pressure level LpAm (in dB(A))
Standard noise operation mode: CPU
50% load
3.4 B / 21 dB(A) Bystander; 26 dB(A) Operator position
Standard noise operation mode: HDD
load
3.3 B / 19 dB(A) Bystander; 21 dB(A) Operator position
Standard noise operation mode: Idle
mode
3.3 B / 19 dB(A) Bystander; 21 dB(A) Operator position


Similar Part No. - P956LL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P956E85 FUJITSU-P956E85 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E85
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
P956E94 FUJITSU-P956E94 Datasheet
384Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E94
More results

Similar Description - P956LL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
P956E85 FUJITSU-P956E85 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E85
P956E94 FUJITSU-P956E94 Datasheet
384Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E94
D956LL FUJITSU-D956LL Datasheet
388Kb / 9P
   FUJITSU Desktop ESPRIMO D956/LL
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
Q920 FUJITSU-Q920 Datasheet
187Kb / 8P
   FUJITSU Desktop ESPRIMO Q920
X956 FUJITSU-X956 Datasheet
351Kb / 8P
   FUJITSU Desktop ESPRIMO X956
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com