Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q920 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # Q920
Description  FUJITSU Desktop ESPRIMO Q920
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

Q920 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  Q920 Datasheet HTML 1Page - Fujitsu Component Limited. Q920 Datasheet HTML 2Page - Fujitsu Component Limited. Q920 Datasheet HTML 3Page - Fujitsu Component Limited. Q920 Datasheet HTML 4Page - Fujitsu Component Limited. Q920 Datasheet HTML 5Page - Fujitsu Component Limited. Q920 Datasheet HTML 6Page - Fujitsu Component Limited. Q920 Datasheet HTML 7Page - Fujitsu Component Limited. Q920 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet FUJITSU Desktop ESPRIMO Q920
Page 5 / 8
www.fujitsu.com/fts/ESPRIMO
Noise emission
Standard noise operation mode: Idle
mode
SSD: no noise emmision, 2.5” HDD: 3.0 B / 17 dB(A) Bystander ; 17 dB(A) Operator position
Standard noise operation mode: ODD
load
4.5 B / 31 dB(A) Bystander ; 34 dB(A) Operator position
Standard noise operation mode: Office
applications 2.0
SSD: no noise emmision, 2.5” HDD: 3.0 B / 17 dB(A) Bystander ; 17 dB(A) Operator position
Blue angel noise emission according
certification
According to ISO 7779:2010, ECMA-74
for max. possible configuration
Blue angel noise operation mode: HDD
load
3.1 B = 31 dB
Blue angel noise operation mode: Idle
mode
3.1 B = 31 dB
Blue angel noise operation mode: ODD
load
4.7 B = 47 dB
Dimensions / Weight / Environmental
Dimensions (W x D x H)
185 x 191 x 58.7 mm
7.28 x 7.52 x 2.31 inch
Operating position
Vertical / horizontal (no feet needed)
VESA mount
integrated (100mm), applicable for selected monitors only, additional mounting kit for specific monitors optional
Weight
1.6 kg
Weight (lbs)
3.53 lbs
Weight notes
Weight may vary depending on actual configuration (without ODD)
Operating ambient temperature
10 - 35 °C (50 - 95 °F)
Operating relative humidity
5 - 85 % (relative humidity)
Compliance
Product
ESPRIMO Q920
Model
MPC2
Germany
TÜV GS
Blauer Engel / Blue Angel
Europe
CE
USA/Canada
FCC Class B
cCSAus
Global
RoHS (Restriction of hazardous substances)
WEEE (Waste electrical and electronic equipment)
Microsoft Operating Systems (HCT / HCL entry / WHQL)
EPEAT® Gold (dedicated regions)
ENERGY STAR® 6.0 (dedicated regions)
Compliance notes
This product is free of polyvinyl chloride (PVC) when
ordered with the optional PVC free power cord
Compliance link
http://globalsp.ts.fujitsu.com/sites/certificates
Additional Software
Additional software (preinstalled)
Workplace Protect (secure authentication solution)
Adobe® Reader® (pdf reader)
McAfee Multi Access Security (anti-virus and internet security software; 60 days trial version)
Win7: Fujitsu Recovery (hard disk based recovery)
Win8: Microsoft Push Button Recovery (hard disk based recovery)
Microsoft Office (buy license to activate the pre-installed Microsoft Office)
Additional software (optional)
Recovery DVD for Windows®
Drivers & Utilities DVD (DUDVD)
CyberLink PowerDVD BD (playback software for Blu-ray Disc™)
CyberLink PowerDVD DVD (playback software for DVD)
Nero Essentials XL


Similar Part No. - Q920

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
Q920MRE FUJITSU-Q920MRE Datasheet
185Kb / 7P
   Fujitsu ESPRIMO Q920/MRE
More results

Similar Description - Q920

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
Q920MRE FUJITSU-Q920MRE Datasheet
185Kb / 7P
   Fujitsu ESPRIMO Q920/MRE
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
X956 FUJITSU-X956 Datasheet
351Kb / 8P
   FUJITSU Desktop ESPRIMO X956
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
P956LL FUJITSU-P956LL Datasheet
379Kb / 9P
   FUJITSU Desktop ESPRIMO P956/LL
X956T FUJITSU-X956T Datasheet
352Kb / 8P
   FUJITSU Desktop ESPRIMO X956/T
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com