Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRA4003T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MRA4003T3
Description  Surface Mount Standard Recovery Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4003T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MRA4003T3 Datasheet HTML 1Page - ON Semiconductor MRA4003T3 Datasheet HTML 2Page - ON Semiconductor MRA4003T3 Datasheet HTML 3Page - ON Semiconductor MRA4003T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRA4003T3 Series
http://onsemi.com
2
MAXIMUM RATINGS
Value
Rating
Symbol
MRA4003T3
MRA4004T3
MRA4005T1,
MRA4005T3
MRA4006T3
MRA4007T3
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
300
400
600
800
1000
Volts
Avg. Rectified Forward Current
(At Rated VR, TL = 150°C)
IO
1
Amp
Peak Repetitive Forward Current
(At Rated VR, Square Wave,
20 kHz, TL = 150°C)
IFRM
2
Amps
Non−Repetitive Peak Surge Current
(Surge applied at rated load conditions,
halfwave, single phase, 60 Hz)
IFSM
30
Amps
Storage/Operating Case Temperature
Tstg, TC
−55 to 150
°C
Operating Junction Temperature
TJ
−55 to 175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction−to−Lead (Note 1)
Thermal Resistance, Junction−to−Ambient (Note 2)
RθJL
RθJA
16.2
88.3
°C/W
ELECTRICAL CHARACTERISTICS
Value
Characteristic
Symbol
TJ = 25°C
TJ = 100°C
Unit
Maximum Instantaneous Forward Voltage (Note 3)
(IF = 1 A)
(IF = 2 A)
VF
1.1
1.18
1.04
1.12
Volts
Maximum Instantaneous Reverse Current (at rated DC voltage)
IR
10
50
mA
1. Minimum Pad Size
2. 1 inch Pad Size
3. Pulse Test: Pulse Width
≤ 250 µs, Duty Cycle ≤ 2%.
Figure 1. Typical Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
0.1
1.2
1.0
0.8
0.6
0.4
Figure 2. Typical Reverse Current
VR, REVERSE VOLTAGE (VOLTS)
400
350
300
250
200
150
100
50
0
1.0E−9
0.01
10E−9
100E−9
1.0E−6
10E−6
100E−6
TJ = 150°C
100
°C 25°C
−40
°C
TJ = 150°C
100
°C
25
°C


Similar Part No. - MRA4003T3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MRA4003T3 FORMOSA-MRA4003T3 Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
ON Semiconductor
MRA4003T3 ONSEMI-MRA4003T3 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
logo
Zibo Seno Electronic En...
MRA4003T3 ZSELEC-MRA4003T3 Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
MRA4003T3G ONSEMI-MRA4003T3G Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRA4003T3G ONSEMI-MRA4003T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
More results

Similar Description - MRA4003T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com