Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRA4004T3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MRA4004T3
Description  Surface Mount Standard Recovery Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4004T3 Datasheet(HTML) 4 Page - ON Semiconductor

  MRA4004T3 Datasheet HTML 1Page - ON Semiconductor MRA4004T3 Datasheet HTML 2Page - ON Semiconductor MRA4004T3 Datasheet HTML 3Page - ON Semiconductor MRA4004T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MRA4003T3 Series
http://onsemi.com
4
PACKAGE DIMENSIONS
SMA
PLASTIC PACKAGE
CASE 403D−02
ISSUE A
S
A
DB
K
J
C
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.160
0.180
4.06
4.57
B
0.090
0.115
2.29
2.92
C
0.075
0.095
1.91
2.41
D
0.050
0.064
1.27
1.63
H
0.002
0.006
0.05
0.15
J
0.006
0.016
0.15
0.41
K
0.030
0.060
0.76
1.52
S
0.190
0.220
4.83
5.59
POLARITY INDICATOR OPTIONAL
AS NEEDED
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 403D−01 OBSOLETE, NEW STANDARD IS
403D−02.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MRA4003T3/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MRA4004T3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MRA4004T3 FORMOSA-MRA4004T3 Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
ON Semiconductor
MRA4004T3 ONSEMI-MRA4004T3 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
logo
Zibo Seno Electronic En...
MRA4004T3 ZSELEC-MRA4004T3 Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
MRA4004T3G ONSEMI-MRA4004T3G Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRA4004T3G ONSEMI-MRA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
More results

Similar Description - MRA4004T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com