Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9085LR3 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF9085LR3
Description  880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9085LR3 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF9085LR3 Datasheet HTML 1Page - Motorola, Inc MRF9085LR3 Datasheet HTML 2Page - Motorola, Inc MRF9085LR3 Datasheet HTML 3Page - Motorola, Inc MRF9085LR3 Datasheet HTML 4Page - Motorola, Inc MRF9085LR3 Datasheet HTML 5Page - Motorola, Inc MRF9085LR3 Datasheet HTML 6Page - Motorola, Inc MRF9085LR3 Datasheet HTML 7Page - Motorola, Inc MRF9085LR3 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MRF9085LR3 MRF9085LSR3
4
MOTOROLA RF DEVICE DATA
Figure 1. 865-895 MHz Broadband Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z1
Z2
VGG
C1
C15
B1
+
Z3
Z4
DUT
VDD
C19
B3
C16
+
L2
Z11
Z12
Z16
B1, B2, B3
Short Ferrite Beads, Surface Mount
C1, C9, C15, C16
47 pF Chip Capacitors, B Case , ATC
C3
5.6 pF Chip Capacitor, B Case, ATC
C4, C13
0.8 - 8.0 Variable Capacitors, Gigatrim
C5, C6, C12
8.2 pF Chip Capacitors, B Case, ATC
C7, C17, C18, C19
10 mF, 35 V Tantalum Surface Mount Capacitors, Kemet
C8
20 K pF Chip Capacitor, B Case, ATC
C10, C11
16 pF Chip Capacitors, B Case, ATC
C14
0.6 - 4.5 Variable Capacitor, Gigatrim
L1
7.15 nH Inductor, Coilcraft
L2
17.5 nH Inductor, Coilcraft
N1, N2
N-Type Panel Mount, Stripline, M/A-Com
WB1, WB2
5 Mil BeCu Shim (0.225 x 0.525)
Z1
0.219″ x 0.080″ Microstrip
Z2
0.150″ x 0.080″ Microstrip
Z3
0.851″ x 0.080″ Microstrip
Z4
0.125″ x 0.220″ Microstrip
Z5
0.123″ x 0.220″ Microstrip
Z6
0.076″ x 0.220″ Microstrip
Z7
0.261″ x 0.220″ Microstrip
Z8
0.220″ x 0.630″ x 0.200″ Taper
Z9
0.240″ x 0.630″ Microstrip
Z10
0.060″ x 0.630″ Microstrip
Z11
0.067″ x 0.630″ Microstrip
Z12
0.233″ x 0.630″ Microstrip
Z13
0.630″ x 0.220″ x 0.200″ Taper
Z14
0.200″ x 0.220″ Microstrip
Z15
0.055″ x 0.220″ Microstrip
Z16
0.088″ x 0.220″ Microstrip
Z17
0.226″ x 0.220″ Microstrip
Z18
0.868″ x 0.080″ Microstrip
Z19
0.129″ x 0.080″ Microstrip
Z20
0.223″ x 0.080″ Microstrip
PCB
Arlon GX-0300-55-22, 30 mils
εr = 2.55
C11
Z17
Z20
Z7
C8
C9
L1
C6
C5
C10
C17
C13
Z10
C7
C18
B2
C3
C4
Z5
Z6
Z9
Z18
Z19
C14
Z13
Z8
Z14
C12
Z15
+
++
+
Figure 2. 865-895 MHz Broadband Test Circuit Component Layout
C1
C4
C3
C5
C7
C9
L1
B2
C8
B1
C12
C13
C14
C10
C6
C15
VGG
VDD
B3
C17
C19
C18
C16
L2
C11
MRF9085
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9085LR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9085LR3 FREESCALE-MRF9085LR3 Datasheet
336Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9085LR3 FREESCALE-MRF9085LR3_06 Datasheet
336Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9085LR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9180 MOTOROLA-MRF9180 Datasheet
342Kb / 12P
   880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF18090A MOTOROLA-MRF18090A Datasheet
175Kb / 8P
   1.80 - 1.88 GHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETS
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF9200LR3 FREESCALE-MRF9200LR3_06 Datasheet
458Kb / 12P
   880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF9100 MOTOROLA-MRF9100 Datasheet
395Kb / 12P
   GSM/EDGE 900 MHz, 110 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
437Kb / 12P
   880 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET
logo
Motorola, Inc
MRF5S19090LR3 MOTOROLA-MRF5S19090LR3 Datasheet
412Kb / 12P
   1990 MHz, 18 W AVG 2 x N-CDMA, 28 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com