Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRA4005T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MRA4005T3
Description  Surface Mount Standard Recovery Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MRA4005T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MRA4005T3 Datasheet HTML 1Page - ON Semiconductor MRA4005T3 Datasheet HTML 2Page - ON Semiconductor MRA4005T3 Datasheet HTML 3Page - ON Semiconductor MRA4005T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 3
1
Publication Order Number:
MRA4003T3/D
MRA4003T3 Series
Surface Mount Standard
Recovery Power Rectifier
SMA Power Surface Mount Package
Features construction with glass passivation. Ideally suited for
surface mounted Automotive application.
Compact Package with J−Bend Leads Ideal for Automated Handling
Stable, High Temperature, Glass Passivated Junction
Mechanical Characteristics
Case: Molded Epoxy
Epoxy meets UL 94 V−0 @ 0.125 in
Weight: 70 mg (Approximately)
Finish: All External Surfaces are Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 seconds in Solder Bath
Polarity: Band in Plastic Body Indicates Cathode Lead
Marking: MRA4003T3 = R13
Marking MRA4004T3 = R14
MRA4005T1 = R15
Marking: MRA4005T3 = R15
Marking: MRA4006T3 = R16
Marking: MRA4007T3 = R17
ORDERING INFORMATION
Device
Package
Shipping†
MRA4003T3
SMA
5000/Tape & Reel
MRA4003T3G
SMA
(Pb−Free)
5000/Tape & Reel
MRA4004T3
SMA
5000/Tape & Reel
MRA4004T3G
SMA
(Pb−Free)
5000/Tape & Reel
MRA4005T1
SMA
1500/Tape & Reel
MRA4005T3
SMA
5000/Tape & Reel
MRA4006T3
SMA
5000/Tape & Reel
MRA4007T3
SMA
5000/Tape & Reel
MRA4007T3G
SMA
(Pb−Free)
5000/Tape & Reel
†For information on tape and reel specifications, including part orientation and
tape sizes, please refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MAXIMUM RATINGS
Please See the Table on the Following Page
STANDARD RECOVERY
RECTIFIERS
1.0 AMPERES
300−1000 VOLTS
CASE 403D
SMA
PLASTIC
MARKING DIAGRAM
R1x
ALYW
G
http://onsemi.com
R1x = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - MRA4005T3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MRA4005T3 FORMOSA-MRA4005T3 Datasheet
69Kb / 2P
   Chip Silicon Rectifier - Glass passivated type
logo
ON Semiconductor
MRA4005T3 ONSEMI-MRA4005T3 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
logo
Zibo Seno Electronic En...
MRA4005T3 ZSELEC-MRA4005T3 Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
ON Semiconductor
MRA4005T3G ONSEMI-MRA4005T3G Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRA4005T3G ONSEMI-MRA4005T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
More results

Similar Description - MRA4005T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MRS1504T3G ONSEMI-MRS1504T3G_12 Datasheet
111Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
July, 2012 ??Rev. 6
MRA4003T3 ONSEMI-MRA4003T3_06 Datasheet
49Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
May, 2006 ??Rev. 5
MRS1504T3 ONSEMI-MRS1504T3 Datasheet
60Kb / 4P
   Surface Mount Standard Recovery Power Rectifier
June, 2006 ??Rev. 4
MRA4003T3G ONSEMI-MRA4003T3G_16 Datasheet
62Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
November, 2016 ??Rev. 11
NRVA4004T3G ONSEMI-NRVA4004T3G Datasheet
102Kb / 5P
   Surface Mount Standard Recovery Power Rectifier
August, 2012 ??Rev. 9
logo
PACELEADER INDUSTRIAL
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S2A PACELEADER-S2A Datasheet
123Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S3AC PACELEADER-S3AC Datasheet
134Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
FM4001-MH PACELEADER-FM4001-MH Datasheet
269Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com