Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUBW10-12 Datasheet(PDF) 5 Page - IXYS Corporation

Part # MUBW10-12
Description  Converter - Brake - Inverter Module (CBI2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW10-12 Datasheet(HTML) 5 Page - IXYS Corporation

  MUBW10-12 Datasheet HTML 1Page - IXYS Corporation MUBW10-12 Datasheet HTML 2Page - IXYS Corporation MUBW10-12 Datasheet HTML 3Page - IXYS Corporation MUBW10-12 Datasheet HTML 4Page - IXYS Corporation MUBW10-12 Datasheet HTML 5Page - IXYS Corporation MUBW10-12 Datasheet HTML 6Page - IXYS Corporation MUBW10-12 Datasheet HTML 7Page - IXYS Corporation MUBW10-12 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2001 IXYS All rights reserved
5 - 8
MUBW 10-12 A7
0.001
0.01
0.1
1
0
20
40
60
80
100
23
4
5 6 7 8 9
110
101
102
103
0.0
0.4
0.8
1.2
1.6
2.0
0
10
20
30
40
50
0
2040
6080
0
100
200
300
400
500
0
20
40
60
80 100 120 140
0.001
0.01
0.1
1
10
0.0
0.4
0.8
1.2
1.6
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
tot
W
I
d(AV)M
A
T
amb
t
s
K/W
A
2s
0
204060 80 100 120 140
0
10
20
30
40
50
60
I
d(AV)
T
C
A
V
A
°C
°C
DWF N9-16
Z
thJC
T
VJ= 125°C
T
VJ=
25°C
T
VJ= 45°C
T
VJ= 150°C
T
VJ= 45°C
T
VJ= 150°C
50Hz, 80% V
RRM
R
thA:
0.05 K/W
0.15 K/W
0.3 K/W
0.5 K/W
1 K/W
2 K/W
5 K/W
Fig. 4
Power dissipation versus direct output current and ambient temperature, sin
180
°
Fig. 5 Max. forward current versus
case temperature
Fig. 6 Transient thermal impedance junction to case
Fig. 1 Forward current versus voltage
drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Input Rectifier Bridge D11 - D16


Similar Part No. - MUBW10-12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW10-12A6 IXYS-MUBW10-12A6 Datasheet
261Kb / 8P
   Converter - Brake - Inverter Module (CBI1)
MUBW10-12A7 IXYS-MUBW10-12A7 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
More results

Similar Description - MUBW10-12

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW20-06A7 IXYS-MUBW20-06A7 Datasheet
189Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
L321 IXYS-L321 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW50-06A7 IXYS-MUBW50-06A7 Datasheet
190Kb / 8P
   Converter - Brake - Inverter Module(CBI2)
MUBW30-06A7 IXYS-MUBW30-06A7 Datasheet
191Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW35-12A7 IXYS-MUBW35-12A7 Datasheet
170Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com