Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

156BPA050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 156BPA050M
Description  Bi-Polar/ non-polar 2000 hrs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

156BPA050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  156BPA050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 156BPA050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Non/ Bi-Polar
APPLICATIONS
Audio Coupling Crossover Networks
Operating Temperature
Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge
Voltage
WVDC
16
25
50
100
SVDC
20
32
63
125
Dissipation
Factor
WVDC
16
25
50
100
Tan δ
.22
.2
.14
.1
Leakage Current
5 Minutes
.05CV or 3uA,
Whichever is greater
Low Temperature
Stability
Impedance Ratio
(120 Hz)
WVDC
16
25
50
100
-25°C to 20°C
2
2
2
2
-40°C to +20°C
6
5
4
3
Load Life
2000 hours at 85°C with rated WVDC and rated voltage reversed every 250 hours.
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Capacitance
Frequency (Hz)
Temperature (°C)
μF
50
120
400
1k
10k
50k
+85
+70
+60
+30
C<10
.72
1.0
1.25
1.45
1.65
1.7
1.0
1.3
1.5
1.8
10<C<100
.75
1.0
1.19
1.36
1.53
1.57
1.0
1.3
1.5
1.8
100<C<1000
.79
1.0
1.15
1.3
1.45
1.49
1.0
1.3
1.5
1.8
D
5
6.3
8
10
12.5
16
18
22
25
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
0.8
0.8
B
0.5
0.5
0.5
0.5
0.8
0.5
0.5
1.0
1.0
L1=L+2.0mm Max.
mm
D1=D+0.5 Max.


Similar Part No. - 156BPA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
96Kb / 2P
   85째C Non-Polar Axial Lead Aluminum Electrolytic Capacitors
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
206Kb / 2P
   85C Non-polar Axial Lead Aluminum Electrolytic Capacitors
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
212Kb / 2P
   Small size ??Non/ Bi-Polar
156BPA050M ILLINOISCAPACITOR-156BPA050M Datasheet
112Kb / 1P
   AXIAL LEAD
More results

Similar Description - 156BPA050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225BPS050M ILLINOISCAPACITOR-225BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
335PBM050M ILLINOISCAPACITOR-335PBM050M Datasheet
126Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
475PBM050M ILLINOISCAPACITOR-475PBM050M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
685PBM035M ILLINOISCAPACITOR-685PBM035M Datasheet
127Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
106BPS050M ILLINOISCAPACITOR-106BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS050M ILLINOISCAPACITOR-336BPS050M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
336BPS063M ILLINOISCAPACITOR-336BPS063M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
475BPS100M ILLINOISCAPACITOR-475BPS100M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
226BPS063M ILLINOISCAPACITOR-226BPS063M Datasheet
125Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
476BPS010M ILLINOISCAPACITOR-476BPS010M Datasheet
101Kb / 1P
   Radial lead BI-POLAR / NON-POLAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com