Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1117 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1117
Description  1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1117 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1117 Datasheet HTML 1Page - ON Semiconductor NCP1117 Datasheet HTML 2Page - ON Semiconductor NCP1117 Datasheet HTML 3Page - ON Semiconductor NCP1117 Datasheet HTML 4Page - ON Semiconductor NCP1117 Datasheet HTML 5Page - ON Semiconductor NCP1117 Datasheet HTML 6Page - ON Semiconductor NCP1117 Datasheet HTML 7Page - ON Semiconductor NCP1117 Datasheet HTML 8Page - ON Semiconductor NCP1117 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1117, NCV1117
http://onsemi.com
5
TA, AMBIENT TEMPERATURE (°C)
Iout = 10 mA
0
20
40
60
80
100
Figure 4. Output Voltage Change
vs. Temperature
Figure 5. Dropout Voltage
vs. Output Current
Figure 6. Output Short Circuit Current
vs. Differential Voltage
Figure 7. Output Short Circuit Current
vs. Temperature
Figure 8. Adjust Pin Current
vs. Temperature
Figure 9. Quiescent Current Change
vs. Temperature
0
0.5
1.0
1.5
2.0
0
2
4
6
8
101214
16
18
20
Load pulsed at 1.0% duty cycle
Vin − Vout, VOLTAGE DIFFERENTIAL (V)
TJ = 25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
200
400
600
800
1000
Load pulsed at 1.0% duty cycle
Iout, OUTPUT CURRENT (mA)
TJ = −40°C
TJ = 25°C
TJ = 125°C
−2.0
−1.5
−1.0
−0.5
0
0.5
1.0
1.5
2.0
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Vin = Vout + 3.0 V
Iout = 10 mA
Adj, 1.5 V,
1.8 V, 2.0 V,
2.5 V
2.85 V, 3.3 V,
5.0 V, 12.0 V
1.0
1.2
1.4
1.6
1.8
2.0
−50
−25
0
25
50
75
100
125
150
−20
−15
−10
−5.0
0
5.0
10
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
Vin = 5.0 V
Load pulsed at 1.0% duty cycle
TA, AMBIENT TEMPERATURE (°C)
−50
−25
0
25
50
75
100
125
150


Similar Part No. - NCP1117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1117 ONSEMI-NCP1117 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
NCP1117DT12 ONSEMI-NCP1117DT12 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
More results

Similar Description - NCP1117

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV1117ST50T3G ONSEMI-NCV1117ST50T3G Datasheet
258Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
June, 2013 ??Rev. 25
NCP1117LP ONSEMI-NCP1117LP_14 Datasheet
411Kb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
December, 2014 ??Rev. 4
NCP1117 ONSEMI-NCP1117_14 Datasheet
212Kb / 17P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
September, 2014 ??Rev. 27
NCP1117LP ONSEMI-NCP1117LP Datasheet
3Mb / 14P
   1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2010 ??Rev. 2
NCP1117 ONSEMI-NCP1117_07 Datasheet
172Kb / 17P
   1.0 A Low?묭ropout Positive Fixed and Adjustable Voltage Regulators
January, 2007 ??Rev. 17
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com