Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

228HSM025M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 228HSM025M
Description  Small size - High voltage - General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228HSM025M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  228HSM025M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228HSM025M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Inverters DC link AC/DC motor controls Solar inverters
Operating Temperature
Range
-40°C to +125°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
10
16
25
35
50
63
SVDC
13
20
32
44
63
79
Dissipation
Factor
WVDC
10
16
25
35
50
63
Tan
δ
.2
.16
.14
.12
.1
.1
Add .02 for every 1000uF above 1000uF
Leakage Current
10 to 63 WVDC
1 Minutes
2 Minutes
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
10
16
25
35
50
63
-25°C to +20°C
3
2
2
2
2
2
-40°C to +20°C
4
4
4
4
4
4
Load Life
2000 hours at 125°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 125°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Temperature (°C)
WVDC
50
120
1k
10k
+105
+85
+70
+60
6.3 to 25V
.85
1.0
1.10
1.20
1.0
1.4
1.4
1.75
35 to 100V
.8
1.0
1.15
1.25
1.0
1.4
1.4
1.75
160 to 250V
.75
1.0
1.25
1.40
1.0
1.4
1.4
1.75
350 to 450V
.7
1.0
1.30
1.80
1.0
1.4
1.4
1.75
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 228HSM025M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228HSM025M ILLINOISCAPACITOR-228HSM025M Datasheet
416Kb / 3P
   125째C Standard Radial Lead Aluminum Electrolytic Capacitors
228HSM025M ILLINOISCAPACITOR-228HSM025M Datasheet
516Kb / 3P
   125C Standard Radial Lead Aluminum Electrolytic Capacitors
228HSM025M ILLINOISCAPACITOR-228HSM025M Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
More results

Similar Description - 228HSM025M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
DCB ILLINOISCAPACITOR-DCB Datasheet
170Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com