Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

158CKR035M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 158CKR035M
Description  Standard 2000 hour
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

158CKR035M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  158CKR035M Datasheet HTML 1Page - Illinois Capacitor, Inc. 158CKR035M Datasheet HTML 2Page - Illinois Capacitor, Inc. 158CKR035M Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size - High voltage - General purpose
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating
Temperature Range
-40°C to +85°C (6.3 to 100 WVDC)
-25°C to +85°C (160 to 500 WVDC)
Capacitance
Tolerance
+20% at 120 Hz, 20°C
Surge
Voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
400
450
500
550
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
Tan δ
.22
.19
.16
.14
.12
.1
.09
.08
.15
.15
.15
.2
.2
.2
.2
Add .02 for every 1000uF above 1000uF
Leakage Current
6.3 to 100 WVDC
160 to 500 WVDC
2 Minutes
2 Minutes
.01CV or 3uA,
Whichever is greater
.03CV+10uA
Low
Temperature
Stability
Impedance
Ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
500
-25°C to +20°C
5
4
3
2
2
2
2
2
3
3
4
6
7
7
8
-40°C to +20°C
10
8
6
5
3
3
3
3
-
-
-
-
-
-
-
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 85°C with no voltage applied
Capacitance Change
<20% initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current
Multipliers
WVDC
Capacitance
(uF)
Frequency (Hz)
Temperature (°C)
50
120
300
1k
10k
100k
85
70
65
60
45
6.3 to
100V
47
0.75
1.0
1.35
1.57
2
2.3
1.0
1.4
1.6
1.7
1.8
100 to 470
0.8
1.0
1.23
1.34
1.5
1.65
1.0
1.4
1.6
1.7
1.8
>560
0.85
1.0
1.1
1.13
1.15
1.4
1.0
1.4
1.6
1.7
1.8
350 to
450V
.47 to 4.7
0.65
1.0
1.35
1.75
2.3
2.5
1.0
1.4
1.6
1.7
1.8
6.8 to 82
0.75
1.0
1.25
1.5
1.75
1.8
1.0
1.4
1.6
1.7
1.8
100 to 1000
0.8
1.0
1.15
1.5
1.4
1.5
1.0
1.4
1.6
1.7
1.8
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.5
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 158CKR035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
158CKR035M ILLINOISCAPACITOR-158CKR035M Datasheet
134Kb / 5P
   85째C General Purpose Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
158CKR035M ETC2-158CKR035M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
158CKR035M ILLINOISCAPACITOR-158CKR035M Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
158CKR035M ILLINOISCAPACITOR-158CKR035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
158CKR035M ILLINOISCAPACITOR-158CKR035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 158CKR035M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
226ULR010MEF ILLINOISCAPACITOR-226ULR010MEF_16 Datasheet
264Kb / 3P
   2000 hour Low ESR
104CKH050M ILLINOISCAPACITOR-104CKH050M_16 Datasheet
310Kb / 3P
   Extended life 2000 hour
logo
Cornell Dubilier Electr...
SH470M6R3ST CDE-SH470M6R3ST_15 Datasheet
364Kb / 7P
   2000 Hour Long Life, Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC_16 Datasheet
399Kb / 6P
   Standard 2000 hrs
logo
Cornell Dubilier Electr...
SK101M6R3ST CDE-SK101M6R3ST_18 Datasheet
551Kb / 8P
   2000 Hour Long Life, General Purpose Aluminum Electrolytic
logo
Illinois Capacitor, Inc...
107SML035M ILLINOISCAPACITOR-107SML035M_16 Datasheet
245Kb / 3P
   Standard 2000 hrs
474TTA100M ILLINOISCAPACITOR-474TTA100M_16 Datasheet
296Kb / 3P
   Standard, general purpose 2000 hours
logo
GS Yuasa Battery Sales ...
GS-CB14L-A2 GSYUASABATTERY-GS-CB14L-A2 Datasheet
1Mb / 1P
   Capacity (10-hour) 14Ah
GS-GT7B-4 GSYUASABATTERY-GS-GT7B-4 Datasheet
191Kb / 1P
   Capacity (10-hour) 6.5Ah
GS-GT12B-4 GSYUASABATTERY-GS-GT12B-4 Datasheet
155Kb / 1P
   Capacity (10-hour) 10Ah
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com