Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6048701 Datasheet(PDF) 5 Page - SICK AG

Part # 6048701
Description  LEVEL SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6048701 Datasheet(HTML) 5 Page - SICK AG

  6048701 Datasheet HTML 1Page - SICK AG 6048701 Datasheet HTML 2Page - SICK AG 6048701 Datasheet HTML 3Page - SICK AG 6048701 Datasheet HTML 4Page - SICK AG 6048701 Datasheet HTML 5Page - SICK AG 6048701 Datasheet HTML 6Page - SICK AG 6048701 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UP56-212128 | UP56
LEVEL SENSORS
Scanning range
Detection range UP56-212118
200
100
0
100
200
[mm]
100
200
300
400
500
600
700
800
UP56-212118
350 mm
1
3
①  Example object: aligned plate 500 mm x 500 mm
③  Pipe diameter 27 mm
Recommended accessories
Other models and accessories
www.sick.com/UP56
Brief description
Type
Part no.
Flanges
Welded flange, process connection G 1, Stainless steel 1.4404
BEF-FL-316G10-
UP56
4064295
Welded flange/welded connector, process connection G 2, Stainless steel 1.4404
BEF-FL-316G20-
UP56
4063263
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-G02MC
6025906
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-1205-G05M
6009868
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-G05MC
6025907
2016-06-16 18:15:07 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
5


Similar Part No. - 6048701

ManufacturerPart #DatasheetDescription
logo
SICK AG
6048700 SICK-6048700 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048702 SICK-6048702 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048703 SICK-6048703 Datasheet
1Mb / 7P
   LEVEL SENSORS
6048704 SICK-6048704 Datasheet
289Kb / 4P
   LEVEL SENSORS
More results

Similar Description - 6048701

ManufacturerPart #DatasheetDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com