Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

227SAK063M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227SAK063M
Description  Low Profile, 2000 hours
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227SAK063M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227SAK063M Datasheet HTML 1Page - Illinois Capacitor, Inc. 227SAK063M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Low Profile Lead Free Leads
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating
Temperature Range
-40°C to +85°C
Capacitance
Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
450
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
Tan δ
.28
.24
.2
.16
.14
.12
.1
.08
.2
.2
.2
.25
Add .02 for every 1000uF above 1000uF
Leakage current
<100 WVDC
<100 WVDC
160 to 400 WVDC
1 Minutes
2 Minutes
1 Minutes
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
.04CV or 100uA
Low
temperature
stability
Impedance
ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
-25°C to
+20°C
5
4
3
2
2
2
2
2
4
4
4
4
-40°C to
+20°C
12
10
8
5
4
3
3
3
15
15
15
10
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
WVDC
Capacitance
(uF)
Frequency (Hz)
Temperature (°C)
50
120
300
1k
10k
+85
+70
+60
6.3 to 100V
C<47
.75
1.0
1.35
1.57
2.0
1.0
1.3
1.5
6.3 to 100V
47<C<470
.8
1.0
1.23
1.32
1.5
1.0
1.3
1.5
6.3 to 100V
C>470
.85
1.0
1.1
1.13
1.15
1.0
1.3
1.5
160 to 400V
all
.8
1.0
1.25
1.40
1.60
1.0
1.4
1.8
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 227SAK063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227SAK063M ILLINOISCAPACITOR-227SAK063M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
227SAK063M ILLINOISCAPACITOR-227SAK063M Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
227SAK063M ILLINOISCAPACITOR-227SAK063M Datasheet
236Kb / 2P
   Small size ??Low Profile ??Lead Free Leads
227SAK063M ILLINOISCAPACITOR-227SAK063M Datasheet
135Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 227SAK063M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105AXZ050M ILLINOISCAPACITOR-105AXZ050M_16 Datasheet
219Kb / 2P
   Low Impedance 2000 hours
105TLS050M ILLINOISCAPACITOR-105TLS050M_16 Datasheet
160Kb / 2P
   Low Leakage current 2000 hours
logo
United Chemi-Con, Inc.
EMVJ250ADA CHEMI-CON-EMVJ250ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
Illinois Capacitor, Inc...
474TMA100M ILLINOISCAPACITOR-474TMA100M_16 Datasheet
267Kb / 3P
   Extended Life, 2000 hours
logo
United Chemi-Con, Inc.
EMVJ100ADA CHEMI-CON-EMVJ100ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ6R3ADA CHEMI-CON-EMVJ6R3ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ160ADA CHEMI-CON-EMVJ160ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ500ADA CHEMI-CON-EMVJ500ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
EMVJ350ADA CHEMI-CON-EMVJ350ADA Datasheet
317Kb / 1P
   2000-hours-life, 105?
logo
Illinois Capacitor, Inc...
474BPS050M ILLINOISCAPACITOR-474BPS050M_16 Datasheet
231Kb / 2P
   Bi-Polar, 2000 hours
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com